Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RBC39 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RBC39
Description  APC Replacement Battery 12V-20AH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RBC39 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RBC39 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© American Power Conversion Corp., all rights reserved
World Wide [
]
Change
Home
Products
Support
Services
Selectors
How to Buy
APC Replacement Battery 12V-20AH
RBC39
Email Technical Specifications
Printer Friendly
More Images
Includes: All required connectors, Authorized return
service (ARS) tag (currently available in the US
only), Battery recycling guide, Installation guide,
Reusable packaging
Technical Specifications
Product Overview
Documentation
Output
battoutvolt
12.0
Batteries & Runtime
Battery Volt -Amp-Hour Capacity
20
Battery Type
Maintenance-free sealed Lead-Acid battery with suspended electrolyte : leakproof
Battery mounting
Stand alone battery stack
Expected Battery Life (years)
4 - 6
RBC™ Quantity
1
Physical
Net Weight
4.55 KG
Maximum Height
203.00 mm
Maximum Width
152.00 mm
Maximum depth
76.00 mm
Shipping Weight
5.45 KG
Shipping Width
203.00 mm
Shipping Height
254.00 mm
Shipping Depth
127.00 mm
Color
Black
Copyright
About APC
Investors
Job Seekers
Press
Feedback
Contact
Privacy Policy


Similar Part No. - RBC39

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RBC31 ETC-RBC31 Datasheet
36Kb / 1P
APC Replacement Battery Cartridge #31
logo
Schneider Electric
RBC33 SCHNEIDER-RBC33 Datasheet
79Kb / 2P
APC Replacement Battery Cartridge #33 with 2 Year Warranty
Sep 21, 2021
RBC35 SCHNEIDER-RBC35 Datasheet
79Kb / 2P
APC Replacement Battery Cartridge #35 with 2Year Warranty
Sep 20, 2021
logo
Tripp Lite. All Rights ...
RBC36-SLT TRIPPLITE-RBC36-SLT Datasheet
161Kb / 2P
UPS Replacement 36VDC Battery Cartridge for select Tripp Lite SLT UPS
RBC36H TRIPPLITE-RBC36H Datasheet
197Kb / 2P
UPS Replacement Battery Cartridge for Select Tripp Lite AVR550U/AVRX550U UPS Systems, 12V
More results

Similar Description - RBC39

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RBC31 ETC-RBC31 Datasheet
36Kb / 1P
APC Replacement Battery Cartridge #31
RBC23 ETC2-RBC23 Datasheet
58Kb / 1P
APC Replacement Battery Cartidge
logo
PULS GmbH
UZB12.051 PULS-UZB12.051 Datasheet
171Kb / 6P
BATTERY REPLACEMENT 12V, 5AH
UZB12.071 PULS-UZB12.071 Datasheet
166Kb / 6P
BATTERY REPLACEMENT 12V, 7AH
UZB12.121 PULS-UZB12.121 Datasheet
168Kb / 6P
BATTERY REPLACEMENT 12V, 12AH
UZB12.261 PULS-UZB12.261 Datasheet
184Kb / 6P
BATTERY REPLACEMENT 12V, 26AH
logo
Schneider Electric
APCRBC123 SCHNEIDER-APCRBC123 Datasheet
89Kb / 2P
APC Replacement Battery Cartridge # 123
02-Sep-2020
APCRBC124 SCHNEIDER-APCRBC124 Datasheet
90Kb / 2P
APC Replacement Battery Cartridge # 124
Sep 2, 2020
APCRBC130 SCHNEIDER-APCRBC130 Datasheet
118Kb / 2P
APC Replacement Battery Cartridge # 130
Sep 2, 2020
APCRBC153 SCHNEIDER-APCRBC153 Datasheet
90Kb / 2P
APC Replacement battery cartridge #153
Sep 2, 2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com