Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MO280-RK Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # MO280-RK
Description  Restoration Contractor?셲 Kit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MO280-RK Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  MO280-RK Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ordering Information:
MO280-RK ....Restoration Contractor’s Kit
Specifications subject to change without notice.
Copyright © 2009 Extech Instruments Corporation. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
6/26/09 - R1
Kit includes:
• Model MO280 Pinless Moisture Meter
- Select from 10 different wood types
- Displays %moisture from 0 to 99%
- Measurement depth to 0.75" (22mm) below the surface
• Model MO220 Wood Moisture Meter
- Memory contains 8 wood groups with calibrations for
approximately 170 species of wood
- Measures wood moisture from 6 to 99.9%
- Measurements can be taken using the integral pin
electrodes or a heavy duty remote probe (included)
• Model RH490 Precision Hygro-Thermometer
- Measures Temperature, Humidity, Dew Point, Wet Bulb,
Absolute Humidity, GPP (grains per pound/grains per kilogram)
- Less than 30 second RH response time with 2%RH accuracy
• Model RHT10 Humidity/Temperature USB Datalogger
- Datalogs 16,000 RH and 16,000 Temperature readings
- User-programmable sampling rate and alarm thresholds
- RHT10-SW software included for GPP calculations and
USB interface for data download
• Kit is supplied in a rugged heavy duty hard carrying case that
provides protection and organization for the meters and
accessories whenever they are needed
A complete solution for the Restoration Contractor
Use pin and pinless meters to better diagnose the amount of moisture content in buildings. Thermal
Hygrometer provides fast, accurate readings of ambient room conditions and GPP calculations
Restoration Contractor’s Kit
Measure moisture of wall
material with non-invasive
Pinless technology
Measure moisture directly on the
material or use remote
handpress moisture probe
(included) on hard materials.
Monitors Humidity/Temperature levels
in warehouse, freezers, shipping vans,
and water damage restoration. USB
connector easily plugs into a computer
for data analysis.
Precision Hygro-Thermometer
with 2%RH accuracy and fast
30sec RH response time.
Measures Humidity,
Temperature, Dew Point, Wet
Bulb, GPP and g/kg


Similar Part No. - MO280-RK

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MO280-RK-I5 EXTECH-MO280-RK-I5 Datasheet
408Kb / 1P
Thermal Imaging Technician?셲 Kit
MO280-RK-I7 EXTECH-MO280-RK-I7 Datasheet
377Kb / 1P
Thermal Imaging Technician?셲 Kit
More results

Similar Description - MO280-RK

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-3533-TN24 AVAGO-ADNK-3533-TN24 Datasheet
761Kb / 17P
Optical Mouse Designer?셲 Kit
logo
Extech Instruments Corp...
MO280-RK-I5 EXTECH-MO280-RK-I5 Datasheet
408Kb / 1P
Thermal Imaging Technician?셲 Kit
MO290-RK EXTECH-MO290-RK Datasheet
273Kb / 1P
Water Restoration Contractor Kit
MO290-RK1 EXTECH-MO290-RK1 Datasheet
363Kb / 1P
Water Restoration Contractor Kit
MO290-RK1-I7 EXTECH-MO290-RK1-I7 Datasheet
378Kb / 1P
Water Restoration Contractor Kit
MO290-RK-I5 EXTECH-MO290-RK-I5 Datasheet
314Kb / 1P
Water Restoration Contractor Kit
logo
Keysight Technologies
DSOXEDK KEYSIGHT-DSOXEDK Datasheet
2Mb / 8P
Educator?셲 Oscilloscope Training Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-5023-CY02 AVAGO-ADNK-5023-CY02 Datasheet
123Kb / 3P
Optical Mouse Designer?셲 Kit
logo
Broadcom Corporation.
ADNK-5023-CY02 BOARDCOM-ADNK-5023-CY02 Datasheet
112Kb / 3P
Optical Mouse Designer?셲 Kit
ADNK-6003-SP01 BOARDCOM-ADNK-6003-SP01 Datasheet
305Kb / 16P
Optical Mouse Designer?셲 Kit
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com