Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS2694M Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS2694M
Description  Motherboard Clock Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS2694M Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS2694M Datasheet HTML 1Page - Integrated Circuit Systems ICS2694M Datasheet HTML 2Page - Integrated Circuit Systems ICS2694M Datasheet HTML 3Page - Integrated Circuit Systems ICS2694M Datasheet HTML 4Page - Integrated Circuit Systems ICS2694M Datasheet HTML 5Page - Integrated Circuit Systems ICS2694M Datasheet HTML 6Page - Integrated Circuit Systems ICS2694M Datasheet HTML 7Page - Integrated Circuit Systems ICS2694M Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AC Timing Characteristics
The following notes apply to all parameters presented in this section:
1. Xtal Frequency = 14.31818 MHz
2. All units are in nanoseconds (ns).
3. Rise and fall time is between 0.8 and 2.0 VDC.
4. Output pin loading = 15pF
5. Duty cycle is measured at 1.4V.
6. Supply Voltage Range = 4.5 to 5.5 volts
7. Temperature Range = 0
°C to 70°C
SYMBOL
PARAMETER
MIN
MAX
NOTES
STROBE TIMING
Tpw
Tsu
Thd
Strobe Pulse Width
Setup Time Data to Strobe
Hold Time Data to Strobe
20
10
10
-
-
-
FOUT TIMING
Tr
Tf
-
-
Rise Time
Fall Time
Frequency Error
Maximum Frequency
-
-
3
3
0.5
135
Duty Cycle 40% min. to 60% max.
at 80 MHz
%
MHz
Note:
Pattern -004 has rising edges of CPUCLK and CPUCLK/2 matched to
± 2 ns.
STROBE
CPUSEL (0-3)
Tpw
Tsu
Thd
ICS2694
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com