Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9155-01W16L Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS9155-01W16L
Description  Low Cost 20-Pin Frequency Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9155-01W16L Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS9155-01W16L Datasheet HTML 3Page - Integrated Circuit Systems ICS9155-01W16L Datasheet HTML 4Page - Integrated Circuit Systems ICS9155-01W16L Datasheet HTML 5Page - Integrated Circuit Systems ICS9155-01W16L Datasheet HTML 6Page - Integrated Circuit Systems ICS9155-01W16L Datasheet HTML 7Page - Integrated Circuit Systems ICS9155-01W16L Datasheet HTML 8Page - Integrated Circuit Systems ICS9155-01W16L Datasheet HTML 9Page - Integrated Circuit Systems ICS9155-01W16L Datasheet HTML 10Page - Integrated Circuit Systems ICS9155-01W16L Datasheet HTML 11Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
AV9155
AV9155 Recommended Board Layout
This is the recommended layout for the AV9155 to maximize clock performance. Shown are the power and ground connections,
the ground plane, and the input/output traces.
Use of the isolated ground plane and power connection, as shown, will prevent stray high frequency ground and system noise
from propagating through the device. When compared to using the system ground and power planes, this technique will
minimize output clock jitter. The isolated ground plane should be connected to the system ground plane at one point, near the
2.2µF decoupling cap. For lowest jitter performance, this isolated ground plane should be kept away from clock output pins and
traces. Keeping the isolated ground plane area as small as possible will minimize EMI radiation. Use a sufficient gap between the
isolated ground plane and system ground plane to prevent AC coupling. The ferrite bead in the VDD line optional, but will help
reduce EMI.
The traces to distribute the output clocks should be over a system ground or power supply plane. The trace width should be
about two times the thickness of the PC board between the trace and the underlying plane. These guidelines help minimize clock
jitter and EMI radiation. The traces to distribute power should be as wide as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com