Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS502 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS502
Description  LOCO??PLL Clock Multiplier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS502 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS502 Datasheet HTML 1Page - Integrated Circuit Systems ICS502 Datasheet HTML 2Page - Integrated Circuit Systems ICS502 Datasheet HTML 3Page - Integrated Circuit Systems ICS502 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ICS502
LOCO™ PLL Clock Multiplier
MDS 502 D
4
Revision 111000
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA•95126•(408) 295-9800tel • www.icst.com
While the information presented herein has been checked for both accuracy and reliability, ICS/MicroClock assumes no responsibility for either its use or for the infringement of
any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal
commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not
recommended without additional processing by ICS/MicroClock. ICS/MicroClock reserves the right to change any circuitry or specifications without notice. ICS/MicroClock
does not authorize or warrant any ICS/MicroClock product for use in life support devices or critical medical instruments.
Package Outline and Package Dimensions
Inches
Inches
Millimeters
Millimeters
Symbol
Min
Max
Min
Max
A
0.055
0.068
1.397
1.7272
b
0.013
0.019
0.330
0.483
D
0.185
0.200
4.699
5.080
E
0.150
0.160
3.810
4.064
H
0.225
0.245
5.715
6.223
e
.050 BSC
.050 BSC
1.27 BSC
1.27 BSC
h
0.015
0.381
Q
0.004
0.01
0.102
0.254
8 pin SOIC
Ordering Information
External Components / Crystal Selection
The ICS502 requires a 0.01µF decoupling capacitor to be connected between VDD and GND. It must be
connected close to the ICS502 to minimize lead inductance. No external power supply filtering is required
for this device. A 33
Ω terminating resistor can be used next to the CLK pin. The total on-chip capacitance
is approximately 13 pF, so a parallel resonant, fundamental mode crystal should be used. For crystals with
a specified load capacitance greater than 13 pF, crystal capacitors should be connected from each of the
pins X1 and X2 to Ground as shown in the Block Diagram on page 1. The value (in pF) of these crystal
caps should be = (CL-13)*2, where CL is the crystal load capacitance in pF. These external capacitors are
only required for applications where the exact frequency is critical. For a clock input, connect to X1 and
leave X2 unconnected (no capacitors on either).
c
A
b
D
E
H
e
h x 45°
Q
Pin 1
LOCO is a trademark of ICS
Part/Order Number
Marking
Package
Temperature
ICS502M
ICS502M
8 pin SOIC
0 to 70 C
ICS502MT
ICS502M
8 pin SOIC on tape and reel
0 to 70 C
ICS502MI
ICS502I
8 pin SOIC
-40 to +85 C
ICS502MIT
ICS502I
8 pin SOIC on tape and reel
-40 to +85 C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com