Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS307M-01I Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS307M-01I
Description  Serially Programmable Clock Source
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS307M-01I Datasheet(HTML) 7 Page - Integrated Circuit Systems

  ICS307M-01I Datasheet HTML 1Page - Integrated Circuit Systems ICS307M-01I Datasheet HTML 2Page - Integrated Circuit Systems ICS307M-01I Datasheet HTML 3Page - Integrated Circuit Systems ICS307M-01I Datasheet HTML 4Page - Integrated Circuit Systems ICS307M-01I Datasheet HTML 5Page - Integrated Circuit Systems ICS307M-01I Datasheet HTML 6Page - Integrated Circuit Systems ICS307M-01I Datasheet HTML 7Page - Integrated Circuit Systems ICS307M-01I Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Parameter
Conditions
Minimum
Typical
Maximum
Units
ABSOLUTE MAXIMUM RATINGS (Note 1)
Supply Voltage, VDD
Referenced to GND
7
V
Inputs
Referenced to GND
-0.5
VDD+0.5
V
Clock Output
Referenced to GND
-0.5
VDD+0.5
V
Ambient Operating Temperature
0
70
°C
Ambient Operating Temperature, Industrial
I version
-40
85
°C
Soldering Temperature
Max of 10 seconds
260
°C
Storage temperature
-65
150
°C
DC CHARACTERISTICS (VDD = 5.0 V unless otherwise noted)
DC CHARACTERISTICS (VDD = 5.0 V unless otherwise noted)
Operating Voltage, VDD
3
5.5
V
Input High Voltage, VIH, X1/ICLK only
ICLK (Pin 1)
(VDD/2)+1
VDD/2
V
Input Low Voltage, VIL, X1/ICLK only
ICLK (Pin 1)
VDD/2
(VDD/2)-1
V
Input High Voltage, VIH
2
V
Input Low Voltage, VIL
PDTS, ICS307-01 only
0.4
V
All other inputs,-01 & -02
0.8
Output High Voltage, VOH, CMOS level
IOH=-4 mA
VDD-0.4
V
Output High Voltage, VOH
IOH=-25 mA
2.4
V
Output Low Voltage, VOL
IOL=25 mA
0.4
V
IDD Operating Supply Current, 20 MHz crystal
No Load, 100 MHz out
26
mA
100MHz out,VDD=3.3V
13
mA
Short Circuit Current
CLK1 and CLK2 outputs
±70
mA
On-Chip Pull-up Resistor
Pin 13
270
k
Ω
Input Capacitance
4
pF
AC CHARACTERISTICS
Input Frequency, crystal input (must be fundamental)
5
27
MHz
Input Frequency, clock input
2
50
MHz
Output Frequency (See Table 1)
VDD = 3.0 to 5.5V
6
200
MHz
Output Frequency (see Table 1), I version
VDD = 3.0 to 5.5V
6
180
MHz
Output Clock Rise Time
0.8 to 2.0V
1
ns
Output Clock Fall Time
2.0 to 0.8V
1
ns
Output Clock Duty Cycle, even output divides
At duty cycle level
45
49 to 51
55
%
Output Clock Duty Cycle, odd output divides
At duty cycle level
40
60
%
Power-up time, STROBE goes high until CLK out
3
10
ms
Absolute Maximum Clock Period Jitter
Deviation from mean
±120
ps
One Sigma Clock Period Jitter
50
ps
ICS307
Serially Programmable Clock Source
MDS 307 D
7
Revision 042501
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA•95126•(408) 295-9800tel •www.icst.com
Electrical Specifications
Notes:
1. Stresses beyond those listed under Absolute Maximum Ratings could cause permanent damage to the device. Prolonged exposure
to levels above the operating limits but below the Absolute Maximums may affect device reliability.
2. Typical values are at 25°C.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com