Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS503M Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS503M
Description  LOCO??PLL Clock Multiplier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS503M Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS503M Datasheet HTML 1Page - Integrated Circuit Systems ICS503M Datasheet HTML 2Page - Integrated Circuit Systems ICS503M Datasheet HTML 3Page - Integrated Circuit Systems ICS503M Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ICS503
LOCO™ PLL Clock Multiplier
MDS 503 A
1
Revision 111000
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA•95126•(408) 295-9800tel • www.icst.com
PRELIMINARY
PRELIMINARY INFORMATION
INFORMATION
• Packaged as 8 pin SOIC or die
• ICS’ lowest cost PLL clock family
• Generates 16.9344 MHz for stereo codecs from
the 14.31818 MHz motherboard clock
• Can be cost effective in replacing a single
surface-mount crystal
• Can be driven by other 5xx series
• Input crystal frequency of 5 - 27 MHz
• Input clock frequency of 2 - 50 MHz
• Output clock frequencies up to 160 MHz
• Low jitter - 50 ps one sigma
• Duty cycle of 45/55 up to 160 MHz
• Operating voltages of 3.0 to 5.5V
• Full CMOS level outputs with 25mA drive
capability at TTL levels
• Advanced, low power CMOS process
The ICS503 is a member of the LOCO™ family,
the most cost effective way to generate a high
quality, high frequency clock output from a low
frequency crystal or clock input. The name LOCO
stands for LOw Cost Oscillator, as it is designed
to replace crystals and crystal oscillators in most
electronic systems. Using Phase-Locked-Loop
(PLL) techniques, the device uses a standard
fundamental mode, inexpensive crystal to produce
output clocks up to 160 MHz.
Stored in the chip’s ROM is the ability to generate
9 different multiplication factors, allowing one
chip to be used in two or three different
applications (see page 2).
Block Diagram
Description
Features
Crystal or
clock input
Crystal
Oscillator
VDD GND
PLL
Clock Multiplier
Circuitry
and
ROM
Output
Buffer
CLK
X1/ICLK
X2
Optional crystal capacitors
S1
S0


Similar Part No. - ICS503M

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS501 ICST-ICS501 Datasheet
122Kb / 6P
LOCO PLL CLOCK MULTIPLIER
Revision 071304
ICS501 ICST-ICS501 Datasheet
113Kb / 6P
LOCO PLL CLOCK MULTIPLIER
Revision 120704
logo
Integrated Device Techn...
ICS501 IDT-ICS501 Datasheet
101Kb / 9P
LOCO PLL CLOCK MULTIPLIER Zero ppm multiplication error
ICS501 IDT-ICS501 Datasheet
109Kb / 9P
LOCO PLL CLOCK MULTIPLIER
logo
Integrated Circuit Syst...
ICS501-DPK ICST-ICS501-DPK Datasheet
122Kb / 6P
LOCO PLL CLOCK MULTIPLIER
Revision 071304
More results

Similar Description - ICS503M

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS511 ICST-ICS511 Datasheet
48Kb / 4P
LOCO??PLL Clock Multiplier
Revision 102504
ICS501B ICST-ICS501B Datasheet
113Kb / 6P
LOCO PLL CLOCK MULTIPLIER
Revision 120704
logo
Integrated Device Techn...
ICS501B IDT-ICS501B Datasheet
169Kb / 7P
LOCO??PLL CLOCK MULTIPLIER
ICS501B IDT-ICS501B_10 Datasheet
180Kb / 7P
LOCO??PLL CLOCK MULTIPLIER
501MILF IDT-501MILF Datasheet
101Kb / 9P
LOCO??PLL CLOCK MULTIPLIER
502MLF IDT-502MLF Datasheet
182Kb / 7P
LOCO??PLL CLOCK MULTIPLIER
511MLF IDT-511MLF Datasheet
228Kb / 11P
LOCO??PLL CLOCK MULTIPLIER
512MILFT IDT-512MILFT Datasheet
186Kb / 7P
LOCO??PLL CLOCK MULTIPLIER
501MLF IDT-501MLF Datasheet
101Kb / 9P
LOCO??PLL CLOCK MULTIPLIER
ICS501MILFT IDT-ICS501MILFT Datasheet
101Kb / 9P
LOCO PLL CLOCK MULTIPLIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com