Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS512 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS512
Description  LOCO??PLL Clock Multiplier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS512 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS512 Datasheet HTML 1Page - Integrated Circuit Systems ICS512 Datasheet HTML 2Page - Integrated Circuit Systems ICS512 Datasheet HTML 3Page - Integrated Circuit Systems ICS512 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ICS512
LOCO™ PLL Clock Multiplier
MDS 512 C
1
Revision 061900
Printed 11/13/00
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA•95126•(408) 295-9800tel • www.icst.com
• Packaged as 8 pin SOIC or die
• Upgrade of popular ICS502 with:
- changed multiplier table
- higher operating frequencies
• Zero ppm multiplication error
• Easy to cascade with other 5xx series
• Input crystal frequency of 5 - 27 MHz
• Input clock frequency of 2 - 50 MHz
• Output clock frequencies up to 200 MHz
• Compatible with all popular CPUs
• Duty cycle of 45/55 up to 200 MHz
• Mask option for 9 selectable frequencies
• Operating voltages of 3.0 to 5.5V
• Industrial temperature version available
• Advanced, low power CMOS process
The ICS512 LOCO™ is the most cost effective
way to generate a high quality, high frequency
clock output and a reference clock from a lower
frequency crystal or clock input. The name LOCO
stands for LOw Cost Oscillator, as it is designed
to replace crystal oscillators in most electronic
systems. Using Phase-Locked-Loop (PLL)
techniques, the device uses a standard fundamental
mode, inexpensive crystal to produce output
clocks up to 200 MHz. With a reference output,
this chip plus an inexpensive crystal can replace two
oscillators.
Stored in the chip’s ROM is the ability to generate
nine different popular multiplication factors,
allowing one chip to output many common
frequencies (see page 2).
Block Diagram
Description
Features
Crystal or
clock input
X1/ICLK
X2
Optional crystal capacitors
CLK
Crystal
Oscillator
VDD GND
PLL
Clock
Synthesis
and Control
Circuitry
Output
Buffer
REF
Output
Buffer
S1, S0
2


Similar Part No. - ICS512

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS512 IDT-ICS512 Datasheet
190Kb / 7P
PLL CLOCK MULTIPLIER
More results

Similar Description - ICS512

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS511 ICST-ICS511 Datasheet
48Kb / 4P
LOCO??PLL Clock Multiplier
Revision 102504
ICS501B ICST-ICS501B Datasheet
113Kb / 6P
LOCO PLL CLOCK MULTIPLIER
Revision 120704
logo
Integrated Device Techn...
ICS501B IDT-ICS501B Datasheet
169Kb / 7P
LOCO??PLL CLOCK MULTIPLIER
ICS501B IDT-ICS501B_10 Datasheet
180Kb / 7P
LOCO??PLL CLOCK MULTIPLIER
501MILF IDT-501MILF Datasheet
101Kb / 9P
LOCO??PLL CLOCK MULTIPLIER
502MLF IDT-502MLF Datasheet
182Kb / 7P
LOCO??PLL CLOCK MULTIPLIER
511MLF IDT-511MLF Datasheet
228Kb / 11P
LOCO??PLL CLOCK MULTIPLIER
512MILFT IDT-512MILFT Datasheet
186Kb / 7P
LOCO??PLL CLOCK MULTIPLIER
501MLF IDT-501MLF Datasheet
101Kb / 9P
LOCO??PLL CLOCK MULTIPLIER
ICS501MILFT IDT-ICS501MILFT Datasheet
101Kb / 9P
LOCO PLL CLOCK MULTIPLIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com