Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS543M Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS543M
Description  PRELIMINARY INFORMATION Clock Divider and 2X Multiplier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS543M Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS543M Datasheet HTML 1Page - Integrated Circuit Systems ICS543M Datasheet HTML 2Page - Integrated Circuit Systems ICS543M Datasheet HTML 3Page - Integrated Circuit Systems ICS543M Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ICS543
Clock Divider and 2X Multiplier
MDS 543 A
2
Revision 010599
Printed 12/4/00
Integrated Circuit Systems, Inc.•525 Race Street•San Jose•CA•95126•(408)295-9800tel•(408)295-9818fax
I C R O
C LOC K
PRELIMINARY INFORMATION
Pin Assignment
Number
Name
Type
Description
1
ICLK
CI
Clock input.
2
VDD
P
Connect to +3.3V or +5V.
3
GND
P
Connect to ground.
4
S0
I
Select 0 for output clock. Connect to GND or VDD, per decoding table above.
5
S1
I
Select 1 for output clock. Connect to GND or VDD, per decoding table above.
6
OE
I
Output Enable. Tri-states both output clocks when low.
7
CLK/2
O
Clock output per Table above. Low skew divide by two of pin 8 clock.
8
CLK
O
Clock output per Table above.
Pin Descriptions
Key: CI = clock input, I = input, O = output, P = power supply connection
Clock Decoding Table
0 = connect directly to ground.
1 = connect directly to VDD.
S1
S0
CLK
CLK/2
Max. Input Max. Input
#5
#4
pin #8
pin #7
at 5V
at 3.3V
0
0
Power Down All
Power Down All
-
-
0
1
Input x 2
Input
67 MHz
50 MHz
1
0
Input/5
Input/10
60 MHz
40 MHz
1
1
Input/3
Input/6
90 MHz
60 MHz
1
8
2
3
4
7
6
5
ICLK
GND
CLK
VDD
S1
8 pin SOIC
S0
CLK/2
OE
External Components
The ICS543 requires a 0.01 µF decoupling capacitor to be connected between VDD and GND. It must
be connected close to the ICS543 to minimize lead inductance. No external power supply filtering is
required for this device. A 33
Ω terminating resistor can be used next to each output pin. If a 3.3 V input
clock is applied to the ICLK pin, with the ICS543 at 5 V, the clock must be AC coupled.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com