Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9155-01W18L Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS9155-01W18L
Description  Low Cost 20-Pin Frequency Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9155-01W18L Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS9155-01W18L Datasheet HTML 1Page - Integrated Circuit Systems ICS9155-01W18L Datasheet HTML 2Page - Integrated Circuit Systems ICS9155-01W18L Datasheet HTML 3Page - Integrated Circuit Systems ICS9155-01W18L Datasheet HTML 4Page - Integrated Circuit Systems ICS9155-01W18L Datasheet HTML 5Page - Integrated Circuit Systems ICS9155-01W18L Datasheet HTML 6Page - Integrated Circuit Systems ICS9155-01W18L Datasheet HTML 7Page - Integrated Circuit Systems ICS9155-01W18L Datasheet HTML 8Page - Integrated Circuit Systems ICS9155-01W18L Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
AV9155
CLOCK#2CPUand2XCPU
*5V only
PERIPHERAL CLOCKS
REFERENCE CLOCKS
CLOCK#2CPUand2XCPU
PERIPHERAL CLOCKS
REFERENCE CLOCKS
COMMCLK
(Pin 1)
BUSCLK
(Pin 6)
FDCLK
(Pin 7)
KBCLK
(Pin 8)
1.843
16*
24
12
SCSICLK
(Pin 1)
BUSCLK
(Pin 6)
FDCLK
(Pin 7)
KBCLK
(Pin 8)
40*
15*
24*
12*
REFCLK1
(Pin 13)
REFCLK2
(Pin 14)
14.318
14.318
REFCLK1
(Pin 13)
REFCLK2
(Pin 14)
14.318
14.318
FS2
(Pin 11)
FS1
(Pin 19)
FS0
(Pin 20)
2XCPU
(Pin 17)
CPU
(Pin 18)
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
8
16
60
40
50
66.66
80*
100*
4
8
30
20
25
33.33
40*
50*
Functionality - AV9155-23
(Using 14.318 MHz input.All frequencies in MHz.)
Functionality - AV9155-36
(Using 14.318 MHz input.All frequencies in MHz.)
FS2
(Pin 11)
FS1
(Pin 19)
FS0
(Pin 20)
2XCPU
(Pin 17)
CPU
(Pin 18)
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
75*
32
60
40
50
66.66
80*
52
37.5*
16
30
20
25
33.33
40*
26
*5V only



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com