Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMM30 Datasheet(PDF) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # ZMM30
Description  Low cost
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

ZMM30 Datasheet(HTML) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  ZMM30 Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED ZMM30 Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.4
+0.3
-0.1
0.4±0.1
Cathode indification
FEATURES
! Low cost
! Small size
! Glass sealed
M
ECHANICAL DATA
! Case: LL34 glass case
! Terminals: solderable per MIL-STD-202,
method 208
! Polarity:color band denotes cathode
! Mounting position:any
! Weight:0.05 grams
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase,half wave,60Hz.
Electrical characteristics VF=1.2V max, IF = 200mA for all types.
NOTE: *Measured with pulses Tp=20m s
ZENER DIODES POWER DISSIPATION: 500 mW
ZMM-SERIES
LL-34
Dimensions in millimeters
V
mA
Ω
Ω
%/
℃
V
ZMM2V4
2.28-2.56
5
85
600
-0.070
50
1.0
ZMM2V7
2.5-2.9
5
85
600
-0.070
10
1.0
ZMM3V0
2.8-3.2
5
85
600
-0.070
4
1.0
ZMM3V3
3.1-3.5
5
85
600
-0.065
2
1.0
ZMM3V6
3.4-3.8
5
85
600
-0.060
2
1.0
ZMM3V9
3.7-4.1
5
85
600
-0.050
2
1.0
ZMM4V3
4.0-4.6
5
75
600
-0.025
1
1.0
ZMM4V7
4.4-5.0
5
60
600
-0.010
0.5
1.0
ZMM5V1
4.8-5.4
5
35
550
0.015
0.1
1.0
ZMM5V6
5.2-6.0
5
25
450
0.025
0.1
1.0
ZMM6V2
5.8-6.6
5
10
200
0.035
0.1
2.0
ZMM6V8
6.4-7.2
5
8
150
0.045
0.1
3.0
ZMM7V5
7.0-7.9
5
7
50
0.050
0.1
5.0
ZMM8V2
7.7-8.7
5
7
50
0.050
0.1
6.0
ZMM9V1
8.5-9.6
5
10
50
0.060
0.1
7.0
ZMM10
V
9.4-10.6
5
15
70
0.070
0.1
7.5
ZMM11
10.4-11.6
5
20
70
0.070
0.1
8.5
ZMM12
11.4-12.7
5
20
90
0.070
0.1
9.0
ZMM13
12.4-14.1
5
26
110
0.070
0.1
10
ZMM15
13.8-15.6
5
30
110
0.070
0.1
11
ZMM16
15.3-17.1
5
40
170
0.070
0.1
12
ZMM18
16.8-19.1
5
50
170
0.070
0.1
14
ZMM20
18.8-21.2
5
55
220
0.070
0.1
15
ZMM22
20.8-23.3
5
55
220
0.070
0.1
17
ZMM24
22.8-25.6
5
80
220
0.080
0.1
18
ZMM27
25.1-28.9
5
80
220
0.080
0.1
20
ZMM30
28-32
5
80
220
0.080
0.1
22
ZMM33
31-35
5
80
220
0.080
0.1
24
ZMM36
34-38
5
80
220
0.080
0.1
27
ZMM39
37-41
2.5
90
500
0.080
0.1
30
ZMM43
40-46
2.5
90
600
0.080
0.1
33
ZMM47
44-50
2.5
110
700
0.080
0.1
36
ZMM51
48-54
2.5
125
700
0.080
0.1
39
ZMM56
52-60
2.5
135
1000
0.080
0.1
43
ZMM62
58-66
2.5
150
1000
0.080
0.1
47
ZMM68
64-72
2.5
200
1000
0.1
51
ZMM75
70-79
2.5
250
1500
0.1
56
IR
JEDEC
type no
Nominal
zener
voltage
VZ@ IZT
★
Test
current
IZT
Maximum zener impedance
ZZT @ IZT
ZZK at
IZK=1mA
Typical
temperature
coefficient
IR
Test
voltage
suffix b
Maximum reverse
leakage current
0.080
0.080
MAKO SEMICONDUCTOR CO.,LIMITED Page:P2-P1
http://www.makosemi.hk/


Similar Part No. - ZMM30

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMM30 SEMTECH-ZMM30 Datasheet
594Kb / 8P
SILICON PLANAR POWER ZENER DIODES?
logo
Shanghai Lunsure Electr...
ZMM30 CHENYI-ZMM30 Datasheet
449Kb / 8P
0.5W SILICON PLANAR ZENER DIODES
logo
Diodes Incorporated
ZMM30 DIODES-ZMM30 Datasheet
59Kb / 3P
500mW SURFACE MOUNT ZENER DIODE
DS18005 Rev. H-3
logo
General Semiconductor
ZMM30 GE-ZMM30 Datasheet
351Kb / 8P
Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
ZMM30 GOOD-ARK-ZMM30 Datasheet
627Kb / 8P
SILICON PLANAR ZENER DIODES
More results

Similar Description - ZMM30

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF0010-HP XFMRS-XF0010-HP Datasheet
32Kb / 2P
LOW COST
logo
CTS Corporation
744C083104JP CTS-744C083104JP Datasheet
182Kb / 4P
Low Cost
744C083103JP CTS-744C083103JP Datasheet
182Kb / 4P
Low Cost
743C083103JP CTS-743C083103JP Datasheet
182Kb / 4P
Low Cost
logo
Suntan Capacitors
TSQ-HC49U SUNTAN-TSQ-HC49U Datasheet
316Kb / 1P
Low cost
TSQ-3225SMD SUNTAN-TSQ-3225SMD Datasheet
279Kb / 1P
Low cost
TSQ-5032SMD SUNTAN-TSQ-5032SMD Datasheet
250Kb / 1P
Low cost
TSQ-HC49SMD SUNTAN-TSQ-HC49SMD Datasheet
226Kb / 1P
Low cost
logo
Recom International Pow...
RKE-H RECOM-RKE-H Datasheet
256Kb / 4P
Low Cost
logo
NXP Semiconductors
68HC705E1 NXP-68HC705E1 Datasheet
3Mb / 60P
Low cost
REV 2.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com