Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRC30 Datasheet(PDF) 2 Page - Extech Instruments Corporation.

Part # PRC30
Description  PRC30 Multifunction Process Calibrator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

PRC30 Datasheet(HTML) 2 Page - Extech Instruments Corporation.

  PRC30 Datasheet HTML 1Page - Extech Instruments Corporation. PRC30 Datasheet HTML 2Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.extech.com
Specifications subject to change without notice. Copyright © 2012-2014 FLIR Systems, Inc. All rights reserved including the right of reproduction in whole or in part in any form.
Specifications
Range
Basic Accuracy
DC Source
Current
0 to 24mA, -25% to +125%
±(0.01% + 1 digit)
Max. Load
1000Ω @ 24mA
Voltage
0 to 2000mV, 0 to 20V
±(0.01% + 1 digit)
mV/Temp
-5 to 55mV
±(0.01% + 1 digit)
Type J
-58 to 1832°F (-50 to 1000°C)
±(0.05% + 2°F or 1°C)
Type K
-58 to 2498°F (-50 to 1370°C)
±(0.05% + 2°F or 1°C)
Type T
-184 to 752°F (-120 to 400°C)
±(0.05% + 2°F or 1°C)
Type E
-58 to 1382°F (-50 to 750°C)
±(0.05% + 2°F or 1°C)
Type C, R, S
32 to 3182°F (0 to 1750°C)
±(0.05% + 2°F or 1°C)
Type N
-58 to 2372°F (-50 to 1300°C)
±(0.05% + 2°F or 1°C)
DC Measure
Current
0 to 50mA, -25% to +230%
±(0.01% + 1 digit)
Voltage
0 to 1999mV / 2 to 20V
±(0.01% + 1 digit) / auto range
mV/Temp
-10 to 60mV
±(0.01% + 1 digit)
Type J
-58 to 1832°F (-50 to 1000°C)
±(0.05% + 1.8°F or 1°C)
Type K
-58 to 2498°F (-50 to 1370°C)
±(0.05% + 1.8°F or 1°C)
Type T
-184 to 752°F (-120 to 400°C)
±(0.05% + 1.8°F or 1°C)
Type E
-58 to 1382°F (-50 to 750°C)
±(0.05% + 1.8°F or 1°C)
Type C, R, S
32 to 3182°F (0 to 1750°C)
±(0.05% + 2°F or 1°C)
Type N
-58 to 2372°F (-50 to 1300°C)
±(0.05% + 2°F or 1°C)
Loop Power
24V
Meter Dims (LxWxH)
6.3" x 3.2" x 1.7" (159 x 80 x 44mm)
Meter Wt
8.4oz (236g) - not including battery weight



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com