Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS551M Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS551M
Description  1 to 4 Clock Buffer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS551M Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS551M Datasheet HTML 1Page - Integrated Circuit Systems ICS551M Datasheet HTML 2Page - Integrated Circuit Systems ICS551M Datasheet HTML 3Page - Integrated Circuit Systems ICS551M Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ICS551
1 to 4 Clock Buffer
MDS 551 B
3
Revision 091200
Printed 11/14/00
Integrated Circuit Systems, Inc.•525 Race Street•San Jose•CA•95126•(408)295-9800tel•(408)295-9818fax
PRELIMINARY INFORMATION
Electrical Specifications
Notes:
1. Stresses beyond those listed under Absolute Maximum Ratings could cause permanent damage to the device. Prolonged
exposure to levels above the operating limits but below the Absolute Maximums may affect device reliability.
2. Duty cycle on outputs will match incoming clock duty cycle. Consult ICS for tight duty cycle clock generators.
3. With external series resistor of 33
Ω positioned close to each output pin.
Parameter
Conditions
Minimum
Typical
Maximum
Units
ABSOLUTE MAXIMUM RATINGS (note 1)
ABSOLUTE MAXIMUM RATINGS (note 1)
Supply voltage, VDD
Referenced to GND
7
V
Inputs and Clock Outputs
Referenced to GND
-0.5
VDD+0.5
V
Ambient Operating Temperature
0
70
°C
Soldering Temperature
Max of 20 seconds
260
°C
Storage temperature
-65
150
°C
DC CHARACTERISTICS
Operating Voltage, VDD
3
5.5
V
Input High Voltage, VIH, IN
Clock input
VDD/2 + 1
VDD/2
V
Input Low Voltage, VIL, In
Clock input
VDD/2
VDD/2 - 1
V
Input High Voltage, VIH, OE
2
V
Input Low Voltage, VIL, OE
0.8
V
Output High Voltage, VOH, 5V
IOH=-25mA
2.4
V
Output Low Voltage, VOL, 5V
IOL=25mA
0.4
V
Output High Voltage, VOH, CMOS level
IOH=-8mA
VDD-0.4
V
Operating Supply Current, IDD, 3.3V
No load, 135 MHz
18
mA
Short Circuit Current, 3.3 V
Each output
±50
mA
Internal pull-up resistor
All inputs
200
k
Ω
AC CHARACTERISTICS
Input Frequency
0
160
MHz
Output Frequency, 3.3 V
15 pF load. Note 3.
160
MHz
Output Frequency, 5 V
15 pF load. Note 3.
135
MHz
Output Clock Rise Time
0.8 to 2.0V
1.5
ns
Output Clock Fall Time
2.0 to 0.8V
1.5
ns
Propagation Delay
At 3.3 V
2
4
8
ns
At 5.0 V
1.5
3
6
ns
Output to output skew
Rising edges at VDD/2
250
ps



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com