Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS553MT Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS553MT
Description  LOW SKEW 1 TO 4 CLOCK BUFFER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS553MT Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS553MT Datasheet HTML 1Page - Integrated Circuit Systems ICS553MT Datasheet HTML 2Page - Integrated Circuit Systems ICS553MT Datasheet HTML 3Page - Integrated Circuit Systems ICS553MT Datasheet HTML 4Page - Integrated Circuit Systems ICS553MT Datasheet HTML 5Page - Integrated Circuit Systems ICS553MT Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LOW SKEW 1 TO 4 CLOCK BUFFER
MDS 553 B
5
Revision 052501
Int egrat ed C i rcuit Syste ms q 525 R a ce S t r eet, San Jose, CA 95126 q t e l (40 8 ) 295 -9800 q
w w w. icst . c om
ICS553
AC Electrical Characteristics
VDD = 2.5V ±5%, Ambient Temperature 0 to +70
° C, unless stated otherwise
VDD = 3.3V ±5%, Ambient Temperature 0 to +70
° C, unless stated otherwise
VDD = 5V ±5%, Ambient Temperature 0 to +70
° C, unless stated otherwise
Notes: 1. With rail to rail input clock
2. Between any 2 outputs with equal loading.
3. Duty cycle on outputs will match incoming clock duty cycle. Consult ICS for tight duty cycle clock
generators.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
0
200
MHz
Output Rise Time
tOR
0.8 to 2.0V, CL=15pF
1.5
ns
Output Fall Time
tOF
2.0 to 0.8V, CL=15pF
1.5
ns
Propagation Delay
Note 1
3
ns
Output to output skew
Note 2
Rising edges at VDD/2
0
50
ps
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
0
200
MHz
Output Rise Time
tOR
0.8 to 2.0V, CL=15pF
1.0
ns
Output Fall Time
tOF
2.0 to 0.8V, CL=15pF
1.0
ns
Propagation Delay
Note 1
2.6
ns
Output to output skew
Note 2
Rising edges at VDD/2
0
50
ps
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
0
200
MHz
Output Rise Time
tOR
0.8 to 2.0V, CL=15pF
0.7
ns
Output Fall Time
tOF
2.0 to 0.8V, CL=15pF
0.7
ns
Propagation Delay
Note 1
2.5
ns
Output to output skew
Note 2
Rising edges at VDD/2
0
50
ps



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com