Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS570A Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS570A
Description  Multiplier and Zero Delay Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS570A Datasheet(HTML) 6 Page - Integrated Circuit Systems

  ICS570A Datasheet HTML 1Page - Integrated Circuit Systems ICS570A Datasheet HTML 2Page - Integrated Circuit Systems ICS570A Datasheet HTML 3Page - Integrated Circuit Systems ICS570A Datasheet HTML 4Page - Integrated Circuit Systems ICS570A Datasheet HTML 5Page - Integrated Circuit Systems ICS570A Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ICS570A
Multiplier and Zero Delay Buffer
MDS 570A C
6
Revision 102700
Printed 11/14/00
Integrated Circuit Systems, Inc .• 525 Race Street • San Jose • CA •95126• (408)295-9800tel •www.icst.com
JEDEC Dimensions
JEDEC Dimensions
Millimeters
Millimeters
Symbol
Min
Max
Min
Max
A
0.0532
0.0688
1.35
1.75
A1
0.004
0.0098
0.10
0.25
B
0.0130
0.0200
0.33
0.51
C
0.0075
0.0098
0.19
0.25
D
0.1890
0.1968
4.80
5.00
E
0.1497
0.1574
3.80
4.00
e
.050 BSC
.050 BSC
1.27 BSC
1.27 BSC
H
0.2284
0.2440
5.80
6.20
h
0.0099
0.0195
0.25
0.50
L
0.0160
0.0500
0.41
1.27
8 pin SOIC
ClockBlocks is a trademark of ICS
CLK/2 could be a falling edge compared with ICLK. Therefore, wherever possible, we recommend the use of
Package Outline and Package Dimensions
(For current dimensional specifications, see JEDEC Publication No. 95.)
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS) assumes no responsibility for either its use or for the
infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in
normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements
are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any
ICS product for use in life support devices or critical medical instruments.
Ordering Information
Part/Order Number
Marking
Package
Temperature
ICS570A
ICS570A
8 pin SOIC
0 to 70 °C
ICS570AT
ICS570A
8 pin SOIC on tape and reel
0 to 70 °C
ICS570AI
ICS570AI
8 pin SOIC
-40 to +85 °C
ICS570AIT
ICS570AI
8 pin SOIC on tape and reel
-40 to +85 °C
ICS570M
ICS570M
8 pin SOIC
0 to 70 °C
ICS570MT
ICS570M
8 pin SOIC on tape and reel
0 to 70 °C
ICS570MI
ICS570I
8 pin SOIC
-40 to +85 °C
ICS570MIT
ICS570I
8 pin SOIC on tape and reel
-40 to +85 °C
B
D
E
H
e
A1
C
A
h x 45°
L
INDEX
AREA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com