Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDL310 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # SDL310
Description  Vane Thermo-Anemometer/Datalogger
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

SDL310 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  SDL310 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
Copyright © 2010 Extech Instruments Corporation. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
9/1/11 - R1
Records data on an SD card in Excel
® format
For easy transfer to a PC for analysis
Vane Thermo-Anemometer/Datalogger
Ordering Information:
SDL310 ................Vane Thermo-Anemometer/Datalogger
SDL310-NIST ......SDL310 with NIST Certificate
872502 ................Type J Bead Wire Probe (-328 to 392°F/-200 to 200°C)
TP870 ..................Type K Bead Wire Probe (-40 to 482°F/-40 to 250°C)
TP200 ..................Type K Clamp Probe (-4 to 200°F/-20 to 93°F)
TP400 ..................Type K Clamp Probe (-4 to 450°F/-20 to 232°C)
153117 ................117V AC Adaptor
UA100-240 ..........100-240V AC Adaptor with 4 plugs (US, EU, UK, AU)
Features:
• Measures Air Temperature to 122°F (50°C) and
air velocity to 4930ft/min
• Datalogger date/time stamps and stores readings on
an SD card in Excel
® format for easy transfer to a PC
• Adjustable data sampling rate: 1 to 3600 seconds
• Stores 99 readings manually and 20M readings via 2G SD card
• Type K/J Thermocouple input for high temperature measurements
• Large (9999 count) LCD displays Air Velocity and Temperature
simultaneously
• 2% velocity accuracy via low friction ball
bearing vane wheel on 39" (1m) cable
• Record/Recall MIN, MAX readings
• Data Hold plus Auto power off with disable function
• Built-in PC interface
• Complete with 6 x AA batteries, SD card, vane sensor
with 3.9ft (120cm) cable, and hard carrying case
Specifications
Range
Resolution
Basic Accuracy
Air Velocity
m/s
0.4 to 25m/s
0.01m/s
±2%rdg
ft/min
80 to 4930ft/min
1ft/min
±2%rdg
MPH
0.9 to 55.9MPH
0.1MPH
±2%rdg
knots
0.8 to 48.6knots
0.1knots
±2%rdg
km/h
1.4 to 90.0km/h
0.1km/h
±2%rdg
Temperature
32 to 122°F (0 to 50°C)
0.1°
±1.5ºF (±0.8ºC)
Type K Temperature
-148 to 2372°F (-100 to 1300°C)
0.1°
±(0.4% + 1.8°F/1°C)
Type J Temperature
-148 to 2192°F (-100 to 1200°C)
0.1°
±(0.4% + 1.8°F/1°C)
Memory
20,000K data records using 2G SD card
Dimensions
7.2 x 2.9 x 1.9" (182 x 73 x 47.5mm)
Weight
16.9oz (480g)
Typical application of measuring air velocity and
temperature in HVAC


Similar Part No. - SDL310

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
SDL300 EXTECH-SDL300 Datasheet
251Kb / 1P
Metal Vane Thermo-Anemometer/Datalogger
SDL350 EXTECH-SDL350 Datasheet
201Kb / 2P
Hot Wire CFM Thermo-Anemometer/Datalogger
More results

Similar Description - SDL310

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
407117 EXTECH-407117 Datasheet
329Kb / 6P
Heavy Duty Mini Vane CFM Thermo Anemometer
407123 EXTECH-407123 Datasheet
99Kb / 8P
Hot Wire Thermo-Anemometer
451104 EXTECH-451104 Datasheet
130Kb / 7P
Digital Vane Thermo-Anemometer
451112 EXTECH-451112 Datasheet
161Kb / 5P
Vane Anemometer
451126 EXTECH-451126 Datasheet
199Kb / 10P
Vane Thermo-Anemometer Datalogger
EZ30 EXTECH-EZ30 Datasheet
225Kb / 6P
EzFlex Thermo-Anemometer
SDL350 EXTECH-SDL350 Datasheet
201Kb / 2P
Hot Wire CFM Thermo-Anemometer/Datalogger
SDL300 EXTECH-SDL300 Datasheet
251Kb / 1P
Metal Vane Thermo-Anemometer/Datalogger
45158 EXTECH-45158 Datasheet
216Kb / 1P
Mini Thermo-Anemometer Series
logo
Testo SE & Co. KGaA
TESTO410 TESTO-TESTO410 Datasheet
248Kb / 2P
Vane anemometer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com