Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS570MT Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS570MT
Description  Multiplier and Zero Delay Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS570MT Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS570MT Datasheet HTML 1Page - Integrated Circuit Systems ICS570MT Datasheet HTML 2Page - Integrated Circuit Systems ICS570MT Datasheet HTML 3Page - Integrated Circuit Systems ICS570MT Datasheet HTML 4Page - Integrated Circuit Systems ICS570MT Datasheet HTML 5Page - Integrated Circuit Systems ICS570MT Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ICS570A
Multiplier and Zero Delay Buffer
MDS 570A C
3
Revision 102700
Printed 11/14/00
Integrated Circuit Systems, Inc .• 525 Race Street • San Jose • CA •95126• (408)295-9800tel •www.icst.com
Electrical Specifications
Parameter
Conditions
Minimum
Typical
Maximum
Units
ABSOLUTE MAXIMUM RATINGS (Note 1)
ABSOLUTE MAXIMUM RATINGS (Note 1)
Supply Voltage, VDD
Referenced to GND
7
V
Inputs
Referenced to GND
-0.5
VDD+0.5
V
Clock Output
Referenced to GND
-0.5
VDD+0.5
V
Ambient Operating Temperature
ICS570M
0
70
°C
ICS570MI
-40
85
°C
Soldering Temperature
Max of 10 seconds
260
°C
Storage temperature
-65
150
°C
DC CHARACTERISTICS (VDD = 3.3V or 5.0V unless otherwise noted)
DC CHARACTERISTICS (VDD = 3.3V or 5.0V unless otherwise noted)
DC CHARACTERISTICS (VDD = 3.3V or 5.0V unless otherwise noted)
Operating Voltage, VDD
3
5.5
V
Input High Voltage, VIH, VDD=5V
ICLK, FBIN
2
V
Input Low Voltage, VIL, VDD=5V
ICLK, FBIN
0.8
V
Input High Voltage, VIH
S0, S1
VDD-0.5
V
Input High Voltage, VIM (mid-level)
S0, S1
VDD/2
V
Input Low Voltage, VIL
S0, S1
0.5
V
Output High Voltage, VOH, CMOS level
IOH=-4mA
VDD-0.4
V
Output High Voltage, VOH
IOH=-12mA
2.4
V
Output Low Voltage, VOL
IOL=12mA
0.4
V
IDD Operating Supply Current, 50 in, 100 out
No Load, 5.0V
22
mA
IDD Operating Supply Current, 50 in, 100 out
No Load, 3.3V
12
mA
Short Circuit Current
Each Output
±50
mA
Input Capacitance, S1, S0
5
pF
AC CHARACTERISTICS (VDD = 3.3V or 5.0V unless otherwise noted)
AC CHARACTERISTICS (VDD = 3.3V or 5.0V unless otherwise noted)
AC CHARACTERISTICS (VDD = 3.3V or 5.0V unless otherwise noted)
Input Frequency, ICLK (see table on page 2)
2.5
150
MHz
Output Clock Frequency, CLK
10
150
MHz
Skew of output clocks
Note 2
50
150
ps
Input skew, ICLK to FBIN Note 2
VDD=3.3V, CLK>10MHz
-500
500
ps
Input skew, ICLK to FBIN Note 2
VDD=3.3V, CLK<5MHz
-1.0
1.0
ns
Input skew, ICLK to FBIN Note 2
VDD=3.3V, CLK<10MHz
-750
750
ps
Input skew, ICLK to FBIN Note 2
VDD=5V, CLK<10MHz
-1.5
1.5
ns
Input skew, ICLK to FBIN Note 2
VDD=5V, CLK>10MHz
-1.0
1.0
ns
Output Clock Rise Time, 3.3V
0.8 to 2.0V, note 3
0.75
ns
Output Clock Fall Time, 3.3V
2.0 to 0.8V, note 3
0.75
ns
Output Clock Rise Time, 5V
0.8 to 2.0V, note 3
0.5
ns
Output Clock Fall Time, 5V
2.0 to 0.8V, note 3
0.5
ns
Output Clock Duty Cycle
at VDD/2
45
49 to 51
55
%
Notes
1. Stresses beyond these can permanently damage the device
2. Assumes clocks with same rise time, measured from rising edges at VDD/2.
3. With 27
Ω terminating resistor and 15 pF loads.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com