Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS601-01 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS601-01
Description  Low Phase Noise Clock Multiplier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS601-01 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS601-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS601-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS601-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS601-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS601-01 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ICS601-01
Low Phase Noise Clock Multiplier
MDS 601-01 G
4
Revision 090800
Printed 11/14/00
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA•95126• (408) 295-9800tel • www.icst.com
Parameter
Conditions
Minimum
Typical
Maximum
Units
ABSOLUTE MAXIMUM RATINGS (note 1)
ABSOLUTE MAXIMUM RATINGS (note 1)
Supply voltage, VDD
Referenced to GND
7
V
Inputs and Clock Outputs
Referenced to GND
-0.5
VDD+0.5
V
Ambient Operating Temperature
0
70
°C
Ambient Operating Temperature, I version
Industrial temperature
-40
85
°C
Soldering Temperature
Max of 10 seconds
260
°C
Storage temperature
-65
150
°C
DC CHARACTERISTICS (VDD = 3.3 V unless noted)
DC CHARACTERISTICS (VDD = 3.3 V unless noted)
Operating Voltage, VDD
3.0
5.5
V
Input High Voltage, VIH, X1/ICLK pin only
Note 3
(VDD/2)+1
V
Input Low Voltage, VIL, X1/ICLK pin only
Note 3
(VDD/2)-1
V
Input High Voltage, VIH
2
V
Input Low Voltage, VIL
0.8
V
Output High Voltage, VOH, CMOS level
IOH=-4mA
VDD-0.4
V
Output High Voltage, VOH
IOH=-12mA
2.4
V
Output Low Voltage, VOL
IOL=12mA
0.4
V
Operating Supply Current, IDD
No Load, 125 MHz
22
30
mA
Short Circuit Current
Each output
±40
±60
mA
Input Capacitance
OE, select pins
5
pF
AC CHARACTERISTICS (VDD = 3.3 V unless noted)
AC CHARACTERISTICS (VDD = 3.3 V unless noted)
Input Frequency
10
27
MHz
Output Frequency
at 3.3V or 5V
156
MHz
Output Clock Rise Time
0.8 to 2.0V, no load
1.5
ns
Output Clock Fall Time
0.8 to 2.0V, no load
1.5
ns
Output Clock Duty Cycle
At VDD/2
45
50
55
%
Maximum Absolute Jitter, short term, 125 MHz No load, REF off
±50
±75
ps
Maximum Jitter, one sigma, 125 MHz (x5)
No load, REF off
18
25
ps
Phase Noise, relative to carrier, 125 MHz (x5)
100 Hz offset
-105
-108
dBc/Hz
Phase Noise, relative to carrier, 125 MHz (x5)
1 kHz offset
-120
-123
dBc/Hz
Phase Noise, relative to carrier, 125 MHz (x5)
10 kHz offset
-128
-132
dBc/Hz
Phase Noise, relative to carrier, 125 MHz (x5)
100 kHz offset
-121
-125
dBc/Hz
Electrical Specifications
Notes:
1. Stresses beyond those listed under Absolute Maximum Ratings could cause permanent damage to the device. Prolonged
exposure to levels above the operating limits but below the Absolute Maximums may affect device reliability.
2. The phase relationship between input and output can change at power up. For a fixed phase relationship, see the ICS570
or ICS670.
3. Switching occurs nominally at VDD/2.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com