Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9155-01W20L Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS9155-01W20L
Description  Low Cost 20-Pin Frequency Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9155-01W20L Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS9155-01W20L Datasheet HTML 3Page - Integrated Circuit Systems ICS9155-01W20L Datasheet HTML 4Page - Integrated Circuit Systems ICS9155-01W20L Datasheet HTML 5Page - Integrated Circuit Systems ICS9155-01W20L Datasheet HTML 6Page - Integrated Circuit Systems ICS9155-01W20L Datasheet HTML 7Page - Integrated Circuit Systems ICS9155-01W20L Datasheet HTML 8Page - Integrated Circuit Systems ICS9155-01W20L Datasheet HTML 9Page - Integrated Circuit Systems ICS9155-01W20L Datasheet HTML 10Page - Integrated Circuit Systems ICS9155-01W20L Datasheet HTML 11Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
AV9155
Notes:
1. ICS recommends the use of an isolated ground plane for the AV9155. All grounds shown on this drawing should be
connected to this ground plane. This ground plane should be connected to the system ground plane at a single point. Please
refer to AV9155 Board Layout Diagram.
2. A single power supply connection for all VDD lines at the 2.2µF decoupling capacitor is recommended to reduce interaction
of analog and digital circuits. The 0.1µF decoupling capacitors should be located as close to each VDD pin as possible.
3. A 33Ω
Ω
Ω
Ω
Ω series termination resistor should be used on any clock output which drives more than one load or drives a long trace
(more than about two inches), especially when using high frequencies (>50 MHz). This termination resistor is put in series with
the clock output line close to the clock output. It helps improve jitter performance and reduce EMI by damping standing waves
caused by impedance mismatches in the output clock circuit trace.
4. The ferrite bead does not enhance the performance of the AV9155, but will reduce EMI radiation from the VDD line.
AV9155 Recommended External Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com