Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG381AMIL Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG381AMIL
Description  CMOS Analog Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG381AMIL Datasheet(HTML) 2 Page - Vishay Siliconix

  DG381AMIL Datasheet HTML 1Page - Vishay Siliconix DG381AMIL Datasheet HTML 2Page - Vishay Siliconix DG381AMIL Datasheet HTML 3Page - Vishay Siliconix DG381AMIL Datasheet HTML 4Page - Vishay Siliconix DG381AMIL Datasheet HTML 5Page - Vishay Siliconix DG381AMIL Datasheet HTML 6Page - Vishay Siliconix DG381AMIL Datasheet HTML 7Page - Vishay Siliconix DG381AMIL Datasheet HTML 8Page - Vishay Siliconix DG381AMIL Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
DG381A_MIL/390A_MIL
Vishay Siliconix
www.vishay.com
2
Document Number: 71401
S-02967—Rev. A, 22-Jan-01
ORDERING INFORMATION
Temp Range
Package
Part Number
DG381A_MIL
–55 to 125
_C
14-Pin CerDIP
DG381AAK/883
DG390A_MIL
_
DG390AAK
–55 to 125
_C
16-Pin CerDIP
DG390AAK/883
ABSOLUTE MAXIMUM RATINGS
Voltages Referenced to V–
V+
44 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
GND
25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital Inputsa, VS, VD
(V–) –2 V to (V+) +2V or
. . . . . . . . . . . . . . . . . . . . . . . .
30 mA, whichever occurs first
Current, Any Terminal Except S or D
30 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous Current, S or D
30 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(Pulsed at 1 ms, 10% duty cycle max)
100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature
(AAK Suffix)
–65 to 150
_C
. . . . . . . . . . . . . . . . .
Power Dissipationb
14-Pin CerDIPc
825 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes:
a.
Signals on SX, DX, or INX exceeding V+ or V– will be clamped by internal
diodes. Limit forward diode current to maximum current ratings.
b.
All leads welded or soldered to PC Board.
c.
Derate 11 mW/
_C above 75_C
SCHEMATIC DIAGRAM (TYPICAL CHANNEL)
FIGURE 1.
Level
Shift/
Drive
VIN
S
V+
GND
V–
D
V–
V+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com