Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS615MT Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS615MT
Description  Set-Top Box Clock Source
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS615MT Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS615MT Datasheet HTML 1Page - Integrated Circuit Systems ICS615MT Datasheet HTML 2Page - Integrated Circuit Systems ICS615MT Datasheet HTML 3Page - Integrated Circuit Systems ICS615MT Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ICS615
Set-Top Box Clock Source
MDS 615 A
2
Revision 052098
Printed 11/15/00
Integrated Circuit Systems, Inc.•525 Race Street•San Jose•CA•95126•(408)295-9800tel•www.icst.com
PRELIMINARY INFORMATION
I C R O
C LOC K
Pin Descriptions
Pin Assignment
Number
Name
Description
1
27M
27 MHz clock output.
2
GND
Connect to ground.
3
X1
Crystal connection. Connect to a13.5 MHz clock or crystal.
4
X2
Crystal connection. Connect to a 13.5 MHz crystal. Leave unconnected for clock input.
5
54M
54 MHz clock output.
6
13.5M
13.5 MHz clock output.
7
VDD
VDD. Connect to +3.3V or +5V.
8
NC
No Connect. This is an unused power down pin for 27 MHz clock
8 pin (150 mil) SOIC
ICS615
1
8
2
3
4
7
6
5
X1
GND
X2
VDD
27M
NC
54M
13.5M



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com