Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2C0111N Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # D2C0111N
Description  SPECIFICATIONS AND ORDERING INFORMATION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

D2C0111N Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  D2C0111N Datasheet HTML 1Page - List of Unclassifed Manufacturers D2C0111N Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
D
PRINTED CIRCUIT BOARD TERMINAL OPTIONS
REAR P.C. DIALLYL ONLY
VERTICALP.C.
ADDITIONAL OPTIONS AND ORDERING INFORMATION
D2 - SERIES
INSULATION OPTION
D2G
GLASS EPOXY INSULATION
CUSTOM SWITCHES ARE AVAILABLE. CONTACT THE FACTORY WITH YOUR COMPLETE SPECIFICATIONS.
UNIT OF ELECTRO SWITCH CORP.
• ELECTRONIC PRODUCTS
2010 Yonkers Road
Raleigh, NC 27604
Telephone: (888) ROTARYS or (919) 833-0707
Fax: (800) 909-9171 or (919) 833-8016
21
D2
CUSTOMERS SPECIFIED ORDER NUMBER FOR STANDARD OPTIONS
(SPECIFY)
(SPECIFY)
(SPECIFY)
(SPECIFY)
(SPECIFY)
(SPECIFY) (SPECIFY)
(SPECIFY)
ADDITIONAL OPTIONS
R
V
2 DIGIT
INSULATION
TOTAL
ACTIVE
CONTACT
SERIES
TYPE
POLES
POSITIONS
TYPE
TERMINAL
INDEX
STOP
SHAFT/
SHAFT
TYPE
ANGLE
TYPE
BUSHING
FLAT
D2
D - DIALLYL
01 - MIN.
12 - MAX @ 30
°
S- SHORTING
(30
°,45°,60°)
10 - MAX @ 36
°
N- NON
G - GLASS
08 - MAX @ 45
°
SHORTING
(30
°,36°,45°,60°)06 - MAX @ 60°
D2
C - CERAMIC
01 - MIN.
11 - MAX @ 30
°
S- SHORTING
(30
°,60°)
N- NON
1/8 SHAFT
SHORTING
L - SOLDER LUG
30
°
A- ADJ.
V - VERT. P.C. 30
°
36
°
F- FIXED
R - (REAR P.C.
45
°
C- CONT.
NOT CERAMIC)
60
°
SEE
SEE
CHART
CHART
L - SOLDER LUG
30
°
A- ADJ.
“A”
“B”
60
°
F- FIXED
C- CONT.
How to Order Additional Options:
SHAFT AS VIEWED
WITH NON-TURN LUG
AT 3 O'CLOCK AND
SHAFT IN EXTREME
CCW POSITION AND
STRUT BOLTS
ORIENTED VERTICALLY.
Y
W
Z
U
SHAFT
, BUSHING, AND FLAT OPTIONS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com