Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3B20 Datasheet(PDF) 2 Page - Analog Devices

Part # 3B20
Description  AC Strain Gage, Torque Transducer Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

3B20 Datasheet(HTML) 2 Page - Analog Devices

  3B20 Datasheet HTML 1Page - Analog Devices 3B20 Datasheet HTML 2Page - Analog Devices 3B20 Datasheet HTML 3Page - Analog Devices 3B20 Datasheet HTML 4Page - Analog Devices 3B20 Datasheet HTML 5Page - Analog Devices 3B20 Datasheet HTML 6Page - Analog Devices 3B20 Datasheet HTML 7Page - Analog Devices 3B20 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3B20
Rev. 0 | Page 2 of 8
GENERAL DESCRIPTION
The 3B20 is a wideband single-channel signal-conditioning
module which interfaces 4-arm AC bridge transducer signals
ranging between 1.5mV rms and 150mV rms, providing
simultaneous precision voltage and current outputs. In addition,
the module provides an AC excitation voltage of 2V rms to 10V
rms at frequencies between 1kHz and 10kHz. The module
withstands 130V rms at its current output terminals without
damage thereby shielding computer-side circuitry from field-
side over-voltage conditions. The 3B20 is a plug-in, mix-and-
match, hot-swappable module and is easily field calibrated via
front-panel zero and span adjustments for both voltage and
current outputs.
3B Series Custom-Ranging Program – Externally-
programmable Model 3B20-00, enables the user to configure a
special input range, including tare weight suppression, by using
the optional plug-on AC1310 ranging card, which houses user-
supplied resistors to determine zero and span. To facilitate
selecting resistors, a Windows program, 3B-CUSTOM,
calculates resistor values based on the user-desired input/output
ranges.
The 3B20 input and AC bridge excitation output terminals are
protected for up to 130V rms. The excitation amplitude and
frequency can be specified with the Model 3B20 CUSTOM or
user configured with Model 3B20-00 and an optional plug-on
Model AC1310 ranging card. Both the voltage and current
outputs can be independently adjusted for a minimum of +1V
for the zero and 25% of the span range with front-panel user-
accessible potentiometers. In addition, phase shifts of up to
37.25o between excitation signal and the output signal from the
strain gauge or torque transducer can be compensated via front-
panel screw terminal adjustments.
.
.
Figure 2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com