Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3B34 Datasheet(PDF) 3 Page - Analog Devices

Part # 3B34
Description  Isolated, Linearized RTD Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

3B34 Datasheet(HTML) 3 Page - Analog Devices

  3B34 Datasheet HTML 1Page - Analog Devices 3B34 Datasheet HTML 2Page - Analog Devices 3B34 Datasheet HTML 3Page - Analog Devices 3B34 Datasheet HTML 4Page - Analog Devices 3B34 Datasheet HTML 5Page - Analog Devices 3B34 Datasheet HTML 6Page - Analog Devices 3B34 Datasheet HTML 7Page - Analog Devices 3B34 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3B34
Rev. 0 | Page 3 of 8
3B34 Models Available
Model
RTD Sensor
(2,3, or 4-wire)
Input Range
Output Ranges1
3B34-00
100
Ω Pt, (alpha) = 0.00385
Externally Programmable 2
0 V to +10 V & 0 mA to 20 mA
3B34-01
100
Ω Pt, (alpha) = 0.00385
-100°C to +100°C
0 V to +10 V & 0 mA to 20 mA
3B34-02
100
Ω Pt, (alpha) = 0.00385
0°C to +100°C
0 V to +10 V & 0 mA to 20 mA
3B34-03
100
Ω Pt, (alpha) = 0.00385
0°C to +200°C
0 V to +10 V & 0 mA to 20 mA
3B34-04
100
Ω Pt, (alpha) = 0.00385
0°C to +600°C
0 V to +10 V & 0 mA to 20 mA
3B34-Custom
100
Ω Pt, (alpha) = 0.00385
*
*
Model
RTD Sensor (2 or 3-wire)
Input Range
Output Ranges1
3B34-C-00
10
Ω Copper, (alpha) = 0.004274
Externally Programmable 2
0 V to +10 V & 0 mA to 20 mA
3B34-C-01
10
Ω Copper, (alpha) = 0.004274
0°C to +120°C (10
Ω @ 0°C)
0 V to +10 V & 0 mA to 20 mA
3B34-C-02
10
Ω Copper, (alpha) = 0.004274
0°C to +120°C (10
Ω @ +25°C)
0 V to +10 V & 0 mA to 20 mA
3B34-Custom
10
ΩCopper, (alpha) = 0.004274
*
*
Model
RTD Sensor
(2,3, or 4-wire)
Input Range
Output Ranges1
3B34-N-00
120
ΩNickel, (alpha) = 0.00672
Externally Programmable 2
0 V to +10 V & 0 mA to 20 mA
3B34-N-01
120
Ω Nickel, (alpha) = 0.00672
0°C to +300°C
0 V to +10 V & 0 mA to 20 mA
3B34-Custom
120
Ω Nickel, (alpha) = 0.00672
*
*
1 Output current range may be user programmed to 4 mA to 20 mA using jumper supplied.
2 Requires AC1310 ranging card.
* Custom Input/Output ranges are available. Refer to configuration guide.
3B34 Specifications
(typical @ +25°C and ±15 V dc, and +24 V dc Power)
Description
Model 3B34
Input Ranges
Standard Ranges
Refer to Model Table
Custom Ranges
-200°C to +850°C (100
Ω Platinum; 2-, 3- or 4-wire)
-80°C to +350°C (120
Ω Nickel; 2-, 3- or 4-wire)
-100°C to +260°C (10
Ω Copper; 2- or 3-wire)
Output Ranges
Voltage
0 V to +10 V (RL > 2 kΩ)
Current
4 mA to 20 mA or 0 mA to 20 mA (RL = 0 to 850Ω)
1
Maximum Current Output Span
0 mA to 31 mA
Accuracy2
Initial @ +25°C
±0.1% Span
Nonlinearity3
±0.05% Span
Stability vs. Temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com