Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3B39 Datasheet(PDF) 2 Page - Analog Devices

Part # 3B39
Description  Isolated Process Current Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

3B39 Datasheet(HTML) 2 Page - Analog Devices

  3B39 Datasheet HTML 1Page - Analog Devices 3B39 Datasheet HTML 2Page - Analog Devices 3B39 Datasheet HTML 3Page - Analog Devices 3B39 Datasheet HTML 4Page - Analog Devices 3B39 Datasheet HTML 5Page - Analog Devices 3B39 Datasheet HTML 6Page - Analog Devices 3B39 Datasheet HTML 7Page - Analog Devices 3B39 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3B39
Rev. 0 | Page 2 of 8
GENERAL DESCRIPTION
The 3B39 is a single-channel signal conditioning current output
module that interfaces, isolates and filters a 0 to +10V or -10V
to +10V input signal and provides an isolated process current
output across loads of 0 to 850Ω. The output current appears at
the 3B Series backplane current output screw terminal block. It
is intended for high-accuracy process control and monitoring
applications requiring complete galvanic isolation and
protection against damage from transients and faults between
systems or separated system elements. Either of the two input
voltage ranges can be converted to either of the two output
current ranges via programming jumpers provided on the
bottom of the module. Model 3B39 features a nonlinearity of
+0.01% and an accuracy of +0.1%. Providing +1500V peak of
galvanic transformer based isolation output-to-input and power,
the 3B39 offers a common mode rejection (CMR) of 90 dB @
50/60 Hz to preserve the integrity of low level signals in noisy
environments. The 3B39 is mix-and-match and hot-swappable
with other 3B Series modules, so it can be inserted or removed
from any socket in the same backplane without disturbing
system power.
Signal isolation by transformer coupling uses a proprietary
modulation technique for linear, stable and reliable
performance. A demodulator on the output side of the signal
transformer recovers the original signal, which is then filtered
and converted to an accurate current output by a current (V-to-
I) converter output stage. Output protection enables the 3B39 to
withstand accidental connection to 220V rms power lines
without damage, isolating computer-side circuitry. The 3B39
provides total ground isolation and transient protection when
interfacing DACs to standard 4-20 mA current loops, common
requirement in microcomputer based control system.
.
Figure 2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com