Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST504 Datasheet(PDF) 2 Page - Calogic, LLC

Part # SST504
Description  Simple Two Lead Current Sources
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

SST504 Datasheet(HTML) 2 Page - Calogic, LLC

  SST504 Datasheet HTML 1Page - Calogic, LLC SST504 Datasheet HTML 2Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LLC
ABSOLUTE MAXIMUM RATINGS (TA = 25
oC unless otherwise noted)
PARAMETERS/TEST CONDITIONS
SYMBOL
LIMIT
UNITS
Peak Operating Voltage
POV
50
V
Forward Current
I F
20
mA
Reverse Current
I R
50
Power Dissipation
PD
360
mW
Power Derating
3.27
mW/
oC
Operating Junction Temperature
TJ
-55 to 150
oC
Storage Temperature
Tstg
-55 to 200
ELECTRICAL CHArACTERISTICS (TA = 25
oC unless otherwise noted)
SYMBOL
IF
Zd
Zk
VL
POV
CF
θ1
PARAMETER
REGULATOR
CURRENT
DYNAMIC
IMPEDANCE
KNEE
IMPEDANCE
LIMITING
VOLTAGE
PEAK
OPERATING
VOLTAGE
CAPACITANCE
TEMPERATURE
COEFFICIENT
(TYPICALS)
TEST
CONDITIONS
VF = 25V
(Note 1)
VF = 25V
(Note 2)
VF = 6V
IF = 0.8 IF(MIN)
(Note 3)
IF = 1.1 IF (MAX)
(Note 4)
VF = 25V
f = 1MHz
VF = 25V
0
oC ≤ TA ≤ 100oC
UNITS
mA
M
Ω
M
Ω
VV
pF
ppm/
oC
NOM
MIN
MAX
MIN
TYP
TYP
MAX
TYP
MIN
TYP
TYP
TYP
500
501
502
503
504
505
506
507
508
509
510
511
0.24
0.33
0.43
0.56
0.75
1.00
1.40
1.80
2.40
3.00
3.60
4.70
0.192
0.264
0.344
0.448
0.600
0.800
1.120
1.440
1.900
2.400
2.900
3.800
0.288
0.396
0.516
0.672
0.900
1.200
1.680
2.160
2.900
3.600
4.300
5.600
4.00
2.20
1.50
1.20
0.80
0.50
0.33
0.20
0.20
0.15
0.15
0.12
40.0
25.0
15.0
12.0
7.0
5.0
3.0
2.0
1.5
1.0
0.8
0.6
2.50
1.60
1.10
0.80
0.55
0.40
0.25
0.19
0.13
0.09
0.07
0.05
1.20
1.30
1.50
1.70
1.90
2.10
2.50
2.80
3.10
3.50
3.90
4.20
0.4
0.5
0.6
0.7
0.8
0.9
1.1
1.3
1.5
1.7
1.9
2.1
50
50
50
50
50
50
50
50
50
50
50
50
100
100
100
100
100
100
100
100
100
100
100
100
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
1300
600
0
-400
-1000
-1300
-1900
-2200
-2600
-2800
-3000
-3000
Notes: 1. Pulse test - steady state currents may vary.
2. Pulse test - steady state impedances may vary.
3. Min VF required to insure IF > 0.8 IF(MIN).
4. Max VF where IF > 1.1 IF(MAX) is guaranteed.
CA500 Series / SST500 Series
CALOGIC LLC, 237 WHITNEY PLACE, FREMONT, CA 94539, 510-656-2900 PHONE, 510-651-1076 FAX
DS024 REV A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com