Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS672M-01 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS672M-01
Description  QuadraClock??Quadrature Delay Buffer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS672M-01 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS672M-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS672M-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS672M-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS672M-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS672M-01 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ICS672-01/02
QuadraClock™ Quadrature Delay Buffer
MDS 672-01/02 C
4
Revision 112200
Integrated Circuit Systems, Inc.• 525 Race Street • San Jose •CA•95126• (408) 295-9800 tel • www.icst.com
Parameter
Conditions
Minimum
Typical
Maximum
Units
ABSOLUTE MAXIMUM RATINGS (note 1)
ABSOLUTE MAXIMUM RATINGS (note 1)
Supply voltage, VDD & VDDIO
Referenced to GND
-0.5
7
V
Inputs and Clock Outputs
Referenced to GND
-0.5
VDD+0.5
V
Electrostatic Discharge
MIL-STD-883
2000
V
Ambient Operating Temperature
0
70
°C
Ambient Operating Temperature, Industrial
Available on -02 only
-40
85
°C
Soldering Temperature
Max of 10 seconds
260
°C
Junction temperature
150
°C
Storage temperature
-65
150
°C
DC CHARACTERISTICS (VDD =VDDIO = 3.3 V unless specified otherwise)
DC CHARACTERISTICS (VDD =VDDIO = 3.3 V unless specified otherwise)
DC CHARACTERISTICS (VDD =VDDIO = 3.3 V unless specified otherwise)
DC CHARACTERISTICS (VDD =VDDIO = 3.3 V unless specified otherwise)
Operating Voltage, VDD
3.13
5.50
V
Operating Voltage, VDDIO
2.375
VDD
V
Input High Voltage, VIH, ICLK only
VDD/2+1
V
Input Low Voltage, VIL, ICLK only
VDD/2-1
V
Input High Voltage, VIH
2
V
Input Low Voltage, VIL
0.8
V
Output High Voltage, VOH
IOH=-12 mA
2.4
V
Output Low Voltage, VOL
IOL=12 mA
0.4
V
Output High Voltage, VOH, CMOS level
IOH=-8mA
VDDIO-0.4
V
Operating Supply Current, IDD (Note 2)
No Load, S1=1, S0=0, S2=0
11
mA
Operating Supply Current, IDD (Note 3)
No Load, S1=1, S0=0, S2=0
22
mA
Short Circuit Current
Each output
±50
mA
Input Capacitance
7
pF
AC CHARACTERISTICS (VDD = VDDIO = 3.3 V unless specified otherwise)
AC CHARACTERISTICS (VDD = VDDIO = 3.3 V unless specified otherwise)
AC CHARACTERISTICS (VDD = VDDIO = 3.3 V unless specified otherwise)
AC CHARACTERISTICS (VDD = VDDIO = 3.3 V unless specified otherwise)
Input Clock Frequency
15
150
MHz
Output Clock Frequency
ICS672-01
15
84
MHz
Output Clock Frequency
ICS672-02
15
135
MHz
Output Clock Rise Time, CL = 15 pF
0.8 to 2.0V
1.5
ns
Output Clock Fall Time, CL = 15 pF
2.0 to 0.8V
1.5
ns
Output Clock Duty Cycle, VDDIO=3.3V
At VDDIO/2
45
50
55
%
Phased Outputs Accuracy (Note 4)
rising edges at VDDIO/2
-250
250
ps
Input to Output Skew, ICLK to CLK0 (Note 5)
-300
300
ps
Maximum Absolute Jitter
75
ps
Cycle to Cycle Jitter, 15 pF loads
150
ps
Electrical Specifications
Notes:
1. Stresses beyond those listed under Absolute Maximum Ratings could cause permanent damage to the device. Prolonged
exposure to levels above the operating limits but below the Absolute Maximums may affect device reliability.
2. With ICLK = 20 MHz, FBCLK to FBIN, all outputs at 40 MHz.
3. With ICLK = 66.5 MHz, FBCLK to FBIN, all outputs at 133 MHz.
4. With CLK0:CLK270 equally loaded, and output frequency > 60 MHz.
5. Rising edge of ICLK compared with rising edge of CLK0, with FBCLK connected to FBIN, 15 pF load on CLK0, and
CLK0 > 60 MHz.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com