Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS673M-01 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS673M-01
Description  PLL Building Block
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS673M-01 Datasheet(HTML) 8 Page - Integrated Circuit Systems

  ICS673M-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS673M-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS673M-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS673M-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS673M-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS673M-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS673M-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS673M-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS673M-01 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
ICS673-01
PLL Building Block
MDS 673-01 D
8
Revision 022500
Printed 11/15/00
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose • CA • 95126•(408)295-9800tel • www.icst.com
Avoiding PLL Lockup (continued)
power, very small (SOT-23), low cost, and has
high input impedance.
The trigger voltage of the comparator is set by
the voltage divider formed by R2 and R3. The
Figure 5. Using an External Comparator to Reset the VCO.
CHGP VCOIN
CAP
C2
C1
RZ
-
+
PD
VDD
R4
R2
R3
ICS673-01
voltage should be set to a value higher than the
VCO input is expected to run during normal
operation. Typically, this might be 0.5 V below
VDD. Hysteresis should be added to the circuit
by connecting resistor R4.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com