Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C32-W Datasheet(PDF) 39 Page - STMicroelectronics

Part # M24C32-W
Description  32-Kbit serial IC bus EEPROM
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C32-W Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M24C32-W Datasheet HTML 34Page - STMicroelectronics M24C32-W Datasheet HTML 35Page - STMicroelectronics M24C32-W Datasheet HTML 36Page - STMicroelectronics M24C32-W Datasheet HTML 37Page - STMicroelectronics M24C32-W Datasheet HTML 38Page - STMicroelectronics M24C32-W Datasheet HTML 39Page - STMicroelectronics M24C32-W Datasheet HTML 40Page - STMicroelectronics M24C32-W Datasheet HTML 41Page - STMicroelectronics M24C32-W Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
DocID4578 Rev 24
39/42
M24C32-W M24C32-R M24C32-F M24C32-X M24C32-DF
Part numbering
41
Table 26. Ordering information scheme (unsawn wafer)(1)
1. For all information concerning the M24C32 delivered in unsawn wafer, please contact your nearest ST
Sales Office.
Example:
M24C32
-
F
T W 20
I / 90
Device type
M24 = I2C serial access EEPROM
Device function
C32 = 32 Kbit (4096 x 8)
Operating voltage
F = VCC = 1.7 V to 5.5 V
Process
T = F8H
Delivery form
W = Wafer (bare die)
Wafer thickness
20 = Non-backlapped wafer
Wafer testing
I = Inkless test
Device grade
90 = -40°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com