Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS82C404N Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS82C404N
Description  Dual Programmable Graphics Frequency Generator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS82C404N Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS82C404N Datasheet HTML 5Page - Integrated Circuit Systems ICS82C404N Datasheet HTML 6Page - Integrated Circuit Systems ICS82C404N Datasheet HTML 7Page - Integrated Circuit Systems ICS82C404N Datasheet HTML 8Page - Integrated Circuit Systems ICS82C404N Datasheet HTML 9Page - Integrated Circuit Systems ICS82C404N Datasheet HTML 10Page - Integrated Circuit Systems ICS82C404N Datasheet HTML 11Page - Integrated Circuit Systems ICS82C404N Datasheet HTML 12Page - Integrated Circuit Systems ICS82C404N Datasheet HTML 13Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Electrical Characteristics (continued)
AC Characteristics
DESCRIPTION
NAME
SYMBOL
MIN
TYP
MAX
UNITS
Reference oscillator value (Note 1)
Reference
frequency
fREF
1
14.31818
60
MHz
1/fREF
Reference period
tREF
16.6
1000
ns
Duty cycle for the input oscillator
defined as t1/tREF
Input duty cycle
t1
25%
75%
Output oscillator values
Output clock
periods
t2
8.33
(120 MHz)
2564
(390 kHz)
ns
Duty cycle for the output oscillators
(Note 2)
Output duty cycle
t3
45%
55%
Rise time for the output oscillators
into a 25pF load
Rise times
t4
3
ns
Fall time for the output oscillators
into a 25pF load
Fall times
t5
3
ns
Old frequency output
freq1 output
tfreq1
New frequency output
freq2 output
tfreq2
Time clock output remains high while
output muxes to reference frequency
fREF mux time
tA
0.5
tREF
1.5
tREF
ns
Interval for serial programming and
for VCO changes to settle (Note 3)
Time-out interval
ttime-out
25
10
ms
Time clock output remains high while
output muxes to new frequency value
tfreq2muxtime
tB
0.5
tREF
1.5
tREF
ns
Time for the output oscillators to go
into tristate mode after OUTDIS-
signal assertion
Tristate
t6
12
ns
Time for the output oscillators to
recover from tristate mode after
OUTDIS-signal goes high
CLK valid
t7
12
ns
Time for power-down mode of
operation to take effect
Power-Down
t8
12
ns
Time for recovery from power-down
mode to a valid CLK
Power-Up
t9
12
ns
Time for MCLK to go high after
PWRDWN is asserted high
MCLKOUT high
t10
0tPWRDWN
ns
Delay of MCLK prior to fMCLK
signal at output
MCLKOUT delay
t11
0.5
tMCLK
1.5
tMCLK
ns
Clock period of serial clock
tserclk
2
• tREF
2ms
Set-up time
tSU
20
ns
Hold time
tHD
10
ns
Load command
tldcmd
0t1+30
ns
Notes:
1.
For reference frequencies other than 14.81818 MHz, the pre-loaded ROM frequencies will shift proportionally.
2.
Duty cycle is measured at CMOS threshold levels. At 5 volts, VTH=2.5 volts.
3.
If the interval is too short, see the time-out interval section in the control register definition.
ICS82C404
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com