Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8343Y Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS8343Y
Description  Low Skew 1-to-16 Fanout Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8343Y Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS8343Y Datasheet HTML 1Page - Integrated Circuit Systems ICS8343Y Datasheet HTML 2Page - Integrated Circuit Systems ICS8343Y Datasheet HTML 3Page - Integrated Circuit Systems ICS8343Y Datasheet HTML 4Page - Integrated Circuit Systems ICS8343Y Datasheet HTML 5Page - Integrated Circuit Systems ICS8343Y Datasheet HTML 6Page - Integrated Circuit Systems ICS8343Y Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
8343
www.icst.com
REV. C, 07072000
2
Integrated
Circuit
Systems, Inc.
ICS8343
LOW SKEW 1-TO-16
FANOUT BUFFER
TABLE 1. PIN DESCRIPTIONS
TABLE 2. PIN CHARACTERISTICS
TABLE 3. FUNCTION TABLE
Inputs
Outputs
OE1
OE2
Q0 thru Q7
Q8 thru Q15
00
Hi Z
Hi Z
1
0
Active
Hi Z
01
Hi Z
Active
1
1
Active
Active
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
it
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
ti
n
U
N
I
Ce
c
n
a
ti
c
a
p
a
C
t
u
p
n
I
F
p
D
P
C
e
c
n
a
ti
c
a
p
a
C
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
)t
u
p
t
u
o
r
e
p
(
V
5
2
.
5
=
2
D
D
V
,
1
D
D
V5
1F
p
V
7
4
.
3
=
2
D
D
V
,
1
D
D
V1
1F
p
V
3
6
.
2
=
2
D
D
V
,
1
D
D
V5
.
9F
p
r
e
b
m
u
Ne
m
a
Ne
p
y
Tn
o
it
p
i
r
c
s
e
D
3
,
2
,
11
D
D
Vr
e
w
o
P
.
V
5
.
2
r
o
V
3
.
3
,
V
5
o
t
t
c
e
n
n
o
C
.
y
l
p
p
u
s
r
e
w
o
p
7
Q
u
r
h
t
0
Q
t
u
p
t
u
O
5
,
44
Q
,
3
Qt
u
p
t
u
O4
1
.
s
t
u
p
t
u
o
k
c
o
l
C
Ω
.
e
c
n
a
d
e
p
m
i
t
u
p
t
u
o
l
a
c
i
p
y
t
8
,
7
,
6D
N
Gr
e
w
o
P.
d
n
u
o
r
g
o
t
t
c
e
n
n
o
C
1
1
,
0
1
,
97
Q
,
6
Q
,
5
Qt
u
p
t
u
O4
1
.
s
t
u
p
t
u
o
k
c
o
l
C
Ω
.
e
c
n
a
d
e
p
m
i
t
u
p
t
u
o
l
a
c
i
p
y
t
2
1K
L
Ct
u
p
n
I.t
u
p
n
i
k
c
o
l
C
3
1D
D
Vr
e
w
o
PV
5
.
2
r
o
V
3
.
3
,
V
5
o
t
t
c
e
n
n
o
C
.
y
l
p
p
u
s
r
e
w
o
p
t
u
p
n
I
6
1
,
5
1
,
4
10
1
Q
,
9
Q
,
8
Qt
u
p
t
u
O4
1
.
s
t
u
p
t
u
o
k
c
o
l
C
Ω
.
e
c
n
a
d
e
p
m
i
t
u
p
t
u
o
l
a
c
i
p
y
t
9
1
,
8
1
,
7
1D
N
Gr
e
w
o
P.
d
n
u
o
r
g
o
t
t
c
e
n
n
o
C
1
2
,
0
22
1
Q
,
1
1
Qt
u
p
t
u
O4
1
.
s
t
u
p
t
u
o
k
c
o
l
C
Ω
.
e
c
n
a
d
e
p
m
i
t
u
p
t
u
o
l
a
c
i
p
y
t
4
2
,
3
2
,
2
22
D
D
Vr
e
w
o
P
.
V
5
.
2
r
o
V
3
.
3
,
V
5
o
t
t
c
e
n
n
o
C
.
y
l
p
p
u
s
r
e
w
o
p
5
1
Q
u
r
h
t
8
Q
t
u
p
t
u
O
7
2
,
6
2
,
5
25
1
Q
,
4
1
Q
,
3
1
Qt
u
p
t
u
O4
1
.
s
t
u
p
t
u
o
k
c
o
l
C
Ω
.
e
c
n
a
d
e
p
m
i
t
u
p
t
u
o
l
a
c
i
p
y
t
8
22
E
Ot
u
p
n
Ip
u
ll
u
P
.
e
t
a
t
s
Z
i
H
o
t
5
1
Q
u
r
h
t
8
Q
s
t
u
p
t
u
o
s
e
c
r
o
f
w
o
l
n
e
h
W
.
e
l
b
a
n
e
t
u
p
t
u
O
9
21
E
Ot
u
p
n
Ip
u
ll
u
P
.
e
t
a
t
s
Z
i
H
o
t
7
Q
u
r
h
t
0
Q
s
t
u
p
t
u
o
s
e
c
r
o
f
w
o
l
n
e
h
W
.
e
l
b
a
n
e
t
u
p
t
u
O
2
3
,
1
3
,
0
32
Q
,
1
Q
,
0
Qt
u
p
t
u
O4
1
.
s
t
u
p
t
u
o
k
c
o
l
C
Ω
.
e
c
n
a
d
e
p
m
i
t
u
p
t
u
o
l
a
c
i
p
y
t



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com