Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P300E-5 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # P300E-5
Description  Ordering information
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P300E-5 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button P300E-5 Datasheet HTML 3Page - List of Unclassifed Manufacturers P300E-5 Datasheet HTML 4Page - List of Unclassifed Manufacturers P300E-5 Datasheet HTML 5Page - List of Unclassifed Manufacturers P300E-5 Datasheet HTML 6Page - List of Unclassifed Manufacturers P300E-5 Datasheet HTML 7Page - List of Unclassifed Manufacturers P300E-5 Datasheet HTML 8Page - List of Unclassifed Manufacturers P300E-5 Datasheet HTML 9Page - List of Unclassifed Manufacturers P300E-5 Datasheet HTML 10Page - List of Unclassifed Manufacturers P300E-5 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
MODEL
P100E-5
P100E-9
P100E-12
P100E-15
P100E-18
P100E-24
P100E-30
P100E-48
MAX OUTPUT WATTAGE[W]
100
100.8
102
105
100.8
108
99
100.8
DC OUTPUT
5V 20A
9V 11.2A
12V 8.5A
15V 7A
18V 5.6A
24V 4.5A
30V 3.3A
48V 2.1A
SPECIFICATIONS
MODEL
P100E-5
P100E-9
P100E-12
P100E-15
P100E-18
P100E-24
P100E-30
P100E-48
INPUT
VOLTAGE[V]
AC85 - 132 / 170 - 264 1
f (User-selectable) or DC220 - 370
CURRENT[A]
ACIN 100V*1 2.2typ (Io=100%)
ACIN 200V*1 1.2typ (Io=100%)
FREQUENCY[Hz]
47 - 440
EFFICIENCY[%]
78typ
78typ
80typ
82typ
82typ
84typ
78typ
84typ
INRUSH CURRENT[A]
ACIN 100V 15typ (Io=100%)
ACIN 200V 30typ (Io=100%)
OUTPUT
VOLTAGE[V]
5
9
121518243048
CURRENT[A]
20
11.2
8.5
7
5.6
4.5
3.3
2.1
MAX OUTPUT WATTAGE[W] 100
100.8
102
105
100.8
108
99
100.8
LINE REGULATION[mV]
20max
36max
48max
60max
72max
96max
120max
192max
LOAD REGULATION[mV] 40max
72max
100max
120max
150max
150max
180max
384max
RIPPLE[mVp-p]
*2
80max
120max
120max
120max
120max
120max
120max
150max
RIPPLE NOISE[mVp-p] *2 120max
150max
150max
150max
250max
150max
150max
250max
TEMPERATURE REGULATION[mV] 0to+50
C 50max
90max
120max
150max
180max
240max
300max
480max
OUTPUT VOLTAGE ADJUSTMENT RANGE[V]
t10%
START-UP TIME[ms]
200max (ACIN 85V, Io=100%)
HOLD-UP TIME[ms]
15typ (ACIN 85V, Io=100%) 25typ (ACIN 100V, Io=100%)
PROTECTION
CIRCUIT
OVERCURRENT PROTECTION Works over 105% of rating and recovers automatically
OVERVOLTAGE PROTECTION
Works at 115 - 140% of rating
ISOLATION
INPUT-OUTPUT
AC3,000V 1minute, Cutoff current = 10mA, DC500V 50M
Wmin (At Room Temperature)
INPUT-FG
AC2,000V 1minute, Cutoff current = 10mA, DC500V 50M
Wmin (At Room Temperature)
OUTPUT-FG
AC500V 1minute, Cutoff current = 100mA, DC500V 50M
Wmin (At Room Temperature)
ENVIRONMENT
OPERATING TEMP.,HUMID.AND ALTITUDE -10 to +65
C, 30 - 90%RH (Non condensing)(Refer to DERATING CURVE), 3,000m (10,000feet) max
STORAGE TEMP.,HUMID.AND ALTITUDE -20 to +75
C, 20 - 90%RH (Non condensing), 9,000m (30,000feet) max
VIBRATION
10 - 55Hz, 19.6m/s2 (2G), 3minutes period, 30minutes each along X, Y and Z axis
IMPACT
196.1m/s2 (20G), 11ms, once each X, Y and Z axis
SAFETY AND
NOISE
REGULATIONS
AGENCY APPROVALS
UL60950-1, EN60950-1, EN50178, CSA C22.2 No.60950-1 Complies with DEN-AN and IEC60950-1
CONDUCTED NOISE
Complies with FCC-A
*1 The input current of the agency approved unit is indicated as 2.5A (ACIN100V) or 1.5A (ACIN200V).
*2 According to 15MHz oscilloscope or Ripple-Noise meter (equivalent to KEISOKU-GIKEN : RM101).
*3 Please contact us about safety approvals for the model with option.
* Derating is required when operated with case cover.
* Parallel operation with other model is not possible.
P100E
Unit type
P
100
E
-5
-
O
Ordering information
1Series name
2Output wattage
3UL recognized,TuV
approved,
CSA certified:E
4Output voltage
5Optional *3
C :with Coating
G :Low leakage current
N :with Cover
R
12345
P
A-78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com