Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8344 Datasheet(PDF) 13 Page - Integrated Circuit Systems

Part # ICS8344
Description  LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8344 Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button ICS8344 Datasheet HTML 7Page - Integrated Circuit Systems ICS8344 Datasheet HTML 8Page - Integrated Circuit Systems ICS8344 Datasheet HTML 9Page - Integrated Circuit Systems ICS8344 Datasheet HTML 10Page - Integrated Circuit Systems ICS8344 Datasheet HTML 11Page - Integrated Circuit Systems ICS8344 Datasheet HTML 12Page - Integrated Circuit Systems ICS8344 Datasheet HTML 13Page - Integrated Circuit Systems ICS8344 Datasheet HTML 14Page - Integrated Circuit Systems ICS8344 Datasheet HTML 15Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
8344
www.icst.com
REV. B FEBRUARY 2, 2001
13
PRELIMINARY
Integrated
Circuit
Systems, Inc.
ICS8344
LOW SKEW, 1-TO-24
DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
CLK
nCLK
PART 1
Q0 - Q7
Q8 - Q15
Q16 - Q23
PART 2
Q0 - Q7
Q8 - Q15
Q16 - Q23
tsk(p)
tsk(p)
FIGURE 4B - OUTPUT SKEW
fin = 167MHz, Vpp = 300mV, tr = tf = 200ps
VPP
Part to Part Skew - Skew between outputs of any bank on different parts. Outputs operating at the same temperature, supply
voltages and with equal load conditions.
VDDO/2
VDDO/2
VDDO/2
VDDO/2
FIGURE 4A - SKEW DEFINITIONS & WAVEFORMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com