Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8530-01 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS8530-01
Description  LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8530-01 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS8530-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS8530-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS8530-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS8530-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS8530-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS8530-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS8530-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS8530-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS8530-01 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ICS8530DY-01
www.icst.com/products/hiperclocks.html
REV. B AUGUST 8, 2001
1
Integrated
Circuit
Systems, Inc.
ICS8530-01
LOW SKEW, 1-TO-16
DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
BLOCK DIAGRAM
PIN ASSIGNMENT
CLK
nCLK
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Q4
nQ4
Q5
nQ5
Q6
nQ6
Q7
nQ7
Q15
nQ15
Q14
nQ14
Q13
nQ13
Q12
nQ12
Q11
nQ11
Q10
nQ10
Q9
nQ9
Q8
nQ8
HiPerClockS™
,&6
FEATURES
• 16 differential 3.3V LVPECL outputs
• CLK, nCLK input pair
• CLK, nCLK pair can accept the following differential input
levels: LVDS, LVPECL, LVHSTL, SSTL, HCSL
• Maximum output frequency up to 500MHz
• Translates any single-ended input signal to 3.3V LVPECL
levels with a resistor bias on nCLK input
• Output skew: 75ps (maximum)
• Part-to-part skew: 250ps (maximum)
• 3.3V output operating supply
• 0°C to 70°C ambient operating temperature
• Industrial temperature information available upon request
GENERAL DESCRIPTION
The ICS8530-01 is a low skew, 1-to-16 Differen-
tial-to-3.3V LVPECL Fanout Buffer and a mem-
ber of the HiPerClockS™ family of High Perfor-
mance Clock Solutions from ICS. The CLK, nCLK
pair can accept most standard differential input
levels. The high gain differential amplifier accepts peak-to-
peak input voltages as small as 150mV as long as the com-
mon mode voltage is within the specified minimum and maxi-
mum range.
Guaranteed output and part-to-part skew characteristics
make the ICS8530-01 ideal for those clock distribution appli-
cations demanding well defined performance and repeatabil-
ity.
48 47 46 45 44 43 42 41 40 39 38 37
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
VCCO
Q11
nQ11
Q10
nQ10
VEE
Q9
nQ9
Q8
nQ8
VCCO
VCC
CLK
VCCO
nQ0
Q0
nQ1
Q1
VEE
nQ2
Q2
nQ3
Q3
Vcco
ICS8530-01
48-Pin LQFP
7mm x 7mm x 1.4mm package body
Y Package
Top View


Similar Part No. - ICS8530-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8530-01 IDT-ICS8530-01 Datasheet
149Kb / 17P
Maximum output frequency
logo
Renesas Technology Corp
ICS8530-01 RENESAS-ICS8530-01 Datasheet
354Kb / 18P
Low Skew, 1-to16, Differential-to-3.3V LVPECL Fanout Buffer
2019
More results

Similar Description - ICS8530-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8531-01 ICST-ICS8531-01 Datasheet
145Kb / 13P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
REV. B AUGUST 9, 2001
ICS8530I-01 ICST-ICS8530I-01 Datasheet
267Kb / 17P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
REV. A FEBRUARY 25, 2005
logo
Integrated Device Techn...
8533AG-01LFT IDT-8533AG-01LFT Datasheet
280Kb / 17P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
logo
Texas Instruments
LMK00725 TI1-LMK00725 Datasheet
1,006Kb / 23P
Low Skew, 1-to-5, Differential-to-3.3V LVPECL Fanout Buffer
logo
Pericom Semiconductor C...
PI6C485311WE PERICOM-PI6C485311WE Datasheet
370Kb / 6P
3.3V Low Skew 1-to-2 Differential to LVPECL Fanout Buffer
PI6C485311 PERICOM-PI6C485311_06 Datasheet
370Kb / 6P
3.3V Low Skew 1-to-2 Differential to LVPECL Fanout Buffer
logo
Integrated Device Techn...
8530I-01 IDT-8530I-01_15 Datasheet
396Kb / 18P
Low Skew, 1-to-16 Differential-to-3.3V LVPECL Fanout Buffer
logo
Renesas Technology Corp
8530I-01 RENESAS-8530I-01 Datasheet
591Kb / 19P
Low Skew, 1-to-16 Differential-to-3.3V LVPECL Fanout Buffer
December 1, 2015
8533-01 RENESAS-8533-01 Datasheet
411Kb / 18P
Low Skew, 1-to-4 Differential-to-3.3V LVPECL Fanout Buffer
January 19, 2016
8533I-01 RENESAS-8533I-01 Datasheet
492Kb / 19P
Low Skew, 1-to-4 Differential-to-3.3V LVPECL Fanout Buffer
7/9/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com