Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8535-11 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS8535-11
Description  LOW SKEW, 1-TO-4, CRYSTAL OSCILLATOR/ LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8535-11 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS8535-11 Datasheet HTML 1Page - Integrated Circuit Systems ICS8535-11 Datasheet HTML 2Page - Integrated Circuit Systems ICS8535-11 Datasheet HTML 3Page - Integrated Circuit Systems ICS8535-11 Datasheet HTML 4Page - Integrated Circuit Systems ICS8535-11 Datasheet HTML 5Page - Integrated Circuit Systems ICS8535-11 Datasheet HTML 6Page - Integrated Circuit Systems ICS8535-11 Datasheet HTML 7Page - Integrated Circuit Systems ICS8535-11 Datasheet HTML 8Page - Integrated Circuit Systems ICS8535-11 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
8535AG-11
www.icst.com/products/hiperclocks.html
REV. B JULY 27, 2001
3
Integrated
Circuit
Systems, Inc.
ICS8535-11
LOW SKEW, 1-TO-4, CRYSTAL OSCILLATOR/
LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
TABLE 3A. CONTROL INPUT FUNCTION TABLE
TABLE 3B. CLOCK INPUT FUNCTION TABLE
s
t
u
p
n
Is
t
u
p
t
u
O
N
E
_
K
L
CL
E
S
_
K
L
Ce
c
r
u
o
S
d
e
t
c
e
l
e
S3
Q
u
r
h
t
0
Q3
Q
n
u
r
h
t
0
Q
n
00
K
L
CW
O
L
;
d
e
l
b
a
s
i
DH
G
I
H
;
d
e
l
b
a
s
i
D
01
2
L
A
T
X
,
1
L
A
T
XW
O
L
;
d
e
l
b
a
s
i
DH
G
I
H
;
d
e
l
b
a
s
i
D
10
K
L
Cd
e
l
b
a
n
Ed
e
l
b
a
n
E
11
2
L
A
T
X
,
1
L
A
T
Xd
e
l
b
a
n
Ed
e
l
b
a
n
E
g
n
il
l
a
f
d
n
a
g
n
i
s
i
r
a
g
n
i
w
o
ll
o
f
d
e
l
b
a
n
e
r
o
d
e
l
b
a
s
i
d
e
r
a
s
t
u
p
t
u
o
k
c
o
l
c
e
h
t
,
s
e
h
c
t
i
w
s
N
E
_
K
L
C
r
e
t
f
A
n
i
n
w
o
h
s
s
a
e
g
d
e
r
o
t
a
ll
i
c
s
o
l
a
t
s
y
r
c
r
o
k
c
o
l
c
t
u
p
n
i
e
r
u
g
i
F
.
1
.
B
3
e
l
b
a
T
n
i
d
e
b
i
r
c
s
e
d
s
a
t
u
p
n
i
K
L
C
e
h
t
f
o
n
o
i
t
c
n
u
f
a
e
r
a
s
t
u
p
t
u
o
e
h
t
f
o
e
t
a
t
s
e
h
t
,
e
d
o
m
e
v
i
t
c
a
e
h
t
n
I
s
t
u
p
n
Is
t
u
p
t
u
O
K
L
C3
Q
u
r
h
t
0
Q3
Q
n
u
r
h
t
0
Q
n
0W
O
LH
G
I
H
1H
G
I
HW
O
L
Enabled
Disabled
CLK
CLK_EN
nQ0 - nQ3
Q0 - Q3
FIGURE 1 - CLK_EN TIMING DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com