Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS85357-01 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS85357-01
Description  4:1 OR 2:1 DIFFERENTIAL-TO-3.3V LVPECL / ECL CLOCK MULTIPLEXER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS85357-01 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS85357-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS85357-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS85357-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS85357-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS85357-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS85357-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS85357-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS85357-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS85357-01 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
85357AG-01
www.icst.com/products/hiperclocks.html
REV. A JULY 16, 2001
1
Integrated
Circuit
Systems, Inc.
ICS85357-01
4:1 OR 2:1
DIFFERENTIAL-TO-3.3V LVPECL / ECL CLOCK MULTIPLEXER
BLOCK DIAGRAM
PIN ASSIGNMENT
VCC
CLK0
nCLK0
CLK1
nCLK1
CLK2
nCLK2
CLK3
nCLK3
VEE
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VCC
SEL1
SEL0
VCC
Q0
nQ0
VCC
nc
nc
VEE
ICS85357-01
20-Lead TSSOP
4.40mm x 6.50mm x 0.90mm body package
G Package
Top View
CLK0
nCLK0
CLK1
nCLK1
CLK2
nCLK2
CLK3
nCLK3
Q0
nQ0
00
11
01
10
SEL1 SEL0
GENERAL DESCRIPTION
The ICS85357-01 is a 4:1 or 2:1 Differential-to-
3.3V LVPECL / ECL clock multiplexer which can
operate up to 750MHz and is a member of the
HiPerClockS™ family of High Performance Clock
Solutions from ICS. The ICS85357-01 has 4
selectable clock inputs. The CLK, nCLK pair can accept most
standard differential input levels. The device can operate
using a 3.3V LVPECL (V
EE = 0V, VCC = 3.135V to 3.465V) or
3.3V ECL (V
CC = 0V, VEE = -3.135V to -3.465V). The fully dif-
ferential architecture and low propagation delay make it
ideal for use in clock distribution circuits. The select pins have
internal pulldown resistors. Leaving one input unconnected
(pulled to logic low by the internal resistor) will transform
the device into a 2:1 multiplexer. The SEL1 pin is the most
significant bit and the binary number applied to the select pins
will select the same numbered data input (i.e., 00
selects CLK0, nCLK0).
FEATURES
• High speed differential multiplexer. The device can be
configured as either a 4:1 or 2:1 multiplexer
• 1 differential 3.3V LVPECL output
• 4 selectable CLK, nCLK inputs
• CLK, nCLK pair can accept the following differential input
levels: LVDS, LVPECL, LVHSTL, SSTL, HCSL
• Maximum output frequency up to 750MHz
• Translates any single ended input signal to 3.3V LVPECL
levels with resistor bias on nCLKx input
• Part-to-part skew: 150ps (maximum)
• Propagation delay: 1.5ns (maximum)
• LVPECL mode operating voltage supply range:
V
CC = 3.135V to 3.465V, VEE = 0V
• ECL mode operating voltage supply range:
V
CC = 0V, VEE = -3.135V to -3.465V
• 0°C to 70°C ambient operating temperature
• Industrial temperature information available upon request
HiPerClockS™
,&6


Similar Part No. - ICS85357-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85357-11 ICST-ICS85357-11 Datasheet
116Kb / 12P
4:1 OR 2:1, CRYSTAL OSCILLATOR-TO-3.3V LVPECL / ECL MULTIPLEXER
REV. A JULY 25, 2001
More results

Similar Description - ICS85357-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85357-11 ICST-ICS85357-11 Datasheet
116Kb / 12P
4:1 OR 2:1, CRYSTAL OSCILLATOR-TO-3.3V LVPECL / ECL MULTIPLEXER
REV. A JULY 25, 2001
ICS85354 ICST-ICS85354 Datasheet
222Kb / 16P
DUAL 2:1/1:2 DIFFERENTIAL -TO-LVPECL/ECL MULTIPLEXER
REV. B JUNE 8, 2004
ICS85356I ICST-ICS85356I Datasheet
238Kb / 14P
2:1, DIFFERENTIAL-TO-3.3V DUAL LVPECL / ECL CLOCK MULTIPLEXER
REV. A OCTOBER 7, 2004
ICS853054 ICST-ICS853054 Datasheet
207Kb / 15P
4:1, DIFFERENTIAL-TO-3.3V OR 2.5V LVPECL/ECL CLOCK MULTIPLEXER
ICS853058 ICST-ICS853058 Datasheet
204Kb / 15P
8:1, DIFFERENTIAL-TO-3.3V OR 2.5V LVPECL/ECL CLOCK MULTIPLEXER
logo
Integrated Device Techn...
ICS853S54I IDT-ICS853S54I_17 Datasheet
322Kb / 21P
Dual 2:1, 1:2 Differential-to-LVPECL/ECL Multiplexer
logo
Renesas Technology Corp
853S057 RENESAS-853S057 Datasheet
696Kb / 16P
4:1, Differential-To-3.3V, 2.5V LVPECL/ECL Clock Data Multiplexer
AUGUST 13, 2021
853S54I-01 RENESAS-853S54I-01 Datasheet
708Kb / 21P
Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer
June 16, 2017
853S058 RENESAS-853S058 Datasheet
433Kb / 20P
8:1 Differential-to-3.3V or 2.5V LVPECL/ECL Clock Multiplexer
2019
85356 RENESAS-85356 Datasheet
807Kb / 16P
2:1, Differential-to-3.3V Dual LVPECL/ECL Clock Multiplexer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com