Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS85357-11 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS85357-11
Description  4:1 OR 2:1, CRYSTAL OSCILLATOR-TO-3.3V LVPECL / ECL MULTIPLEXER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS85357-11 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS85357-11 Datasheet HTML 1Page - Integrated Circuit Systems ICS85357-11 Datasheet HTML 2Page - Integrated Circuit Systems ICS85357-11 Datasheet HTML 3Page - Integrated Circuit Systems ICS85357-11 Datasheet HTML 4Page - Integrated Circuit Systems ICS85357-11 Datasheet HTML 5Page - Integrated Circuit Systems ICS85357-11 Datasheet HTML 6Page - Integrated Circuit Systems ICS85357-11 Datasheet HTML 7Page - Integrated Circuit Systems ICS85357-11 Datasheet HTML 8Page - Integrated Circuit Systems ICS85357-11 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
85357AG-11
www.icst.com/products/hiperclocks.html
REV. A JULY 25, 2001
1
Integrated
Circuit
Systems, Inc.
ICS85357-11
4:1 OR 2:1, CRYSTAL OSCILLATOR-TO-3.3V
LVPECL / ECL MULTIPLEXER
GENERAL DESCRIPTION
The ICS85357-11 is a 4:1 or 2:1, Crystal
Oscillator-to-3.3V LVPECL / ECL Multiplexer and
is a member of the HiPerClockS™ family of High
Performance Clock Solutions from ICS. The
ICS85357-11
has
4
selectable
crystal
inputs. The device can support 10MHz - 25MHz parallel
resonant crystals by connecting external capacitors between
XTALIN/XTALOUT and ground. The select pins have
internal pulldown resistors and leaving one input
unconnected (pulled to logic low by the internal resistor) will
transform the device into a 2:1 multiplexer. The SEL1 lead is
the most significant line and the binary number applied to
the select pins will select the same numbered data input (i.e.,
00 selects XTALIN0/XTALOUT0).
FEATURES
• 1 differential 3.3V LVPECL output
• 4:1 or 2:1 Crystal Oscillator Multiplexer
• Supports parallel resonant crystals with a frequency range
of 10MHz - 25MHz. The oscillator circuit is optimized for
parallel resonant mode, and will require external capacitance
• Maximum output frequency up to 25MHz
• LVCMOS SEL0 and SEL1 inputs have internal pulldown
resistors
• Part-to-part skew: 150ps (maximum)
• Propagation delay: 2ns (maximum)
• LVPECL mode operating voltage supply range:
V
CC = 3.135V to 3.465V, VEE = 0V
• ECL mode operating voltage supply range:
V
CC = 0V, VEE = -3.135V to -3.465V
• 0°C to 70°C ambient operating temperature
• Industrial temperature information available upon request
BLOCK DIAGRAM
PIN ASSIGNMENT
HiPerClockS™
,&6
VCC
XTALIN0
XTALOUT0
XTALIN1
XTALOUT1
XTALIN2
XTALOUT2
XTALIN3
XTALOUT3
VEE
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VCC
SEL1
SEL0
VCC
Q0
nQ0
VCC
nc
nc
VEE
ICS85357-11
20-Lead TSSOP
4.40mm x 6.50mm x 0.92mm body package
G Package
Top View
OSC
OSC
Q0
nQ0
OSC
OSC
00
11
01
10
SEL0
SEL1
XTALIN0
XTALOUT0
XTALIN1
XTALOUT1
XTALIN2
XTALOUT2
XTALIN3
XTALOUT3


Similar Part No. - ICS85357-11

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85357-01 ICST-ICS85357-01 Datasheet
120Kb / 12P
4:1 OR 2:1 DIFFERENTIAL-TO-3.3V LVPECL / ECL CLOCK MULTIPLEXER
REV. A JULY 16, 2001
More results

Similar Description - ICS85357-11

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85357-01 ICST-ICS85357-01 Datasheet
120Kb / 12P
4:1 OR 2:1 DIFFERENTIAL-TO-3.3V LVPECL / ECL CLOCK MULTIPLEXER
REV. A JULY 16, 2001
ICS85354 ICST-ICS85354 Datasheet
222Kb / 16P
DUAL 2:1/1:2 DIFFERENTIAL -TO-LVPECL/ECL MULTIPLEXER
REV. B JUNE 8, 2004
ICS85356I ICST-ICS85356I Datasheet
238Kb / 14P
2:1, DIFFERENTIAL-TO-3.3V DUAL LVPECL / ECL CLOCK MULTIPLEXER
REV. A OCTOBER 7, 2004
ICS853054 ICST-ICS853054 Datasheet
207Kb / 15P
4:1, DIFFERENTIAL-TO-3.3V OR 2.5V LVPECL/ECL CLOCK MULTIPLEXER
ICS853058 ICST-ICS853058 Datasheet
204Kb / 15P
8:1, DIFFERENTIAL-TO-3.3V OR 2.5V LVPECL/ECL CLOCK MULTIPLEXER
logo
ON Semiconductor
MC100LVEL58 ONSEMI-MC100LVEL58_06 Datasheet
127Kb / 7P
3.3V ECL 2:1 Multiplexer
November, 2006 ??Rev. 5
logo
Integrated Device Techn...
ICS853S54I IDT-ICS853S54I_17 Datasheet
322Kb / 21P
Dual 2:1, 1:2 Differential-to-LVPECL/ECL Multiplexer
logo
Renesas Technology Corp
853S54I-01 RENESAS-853S54I-01 Datasheet
708Kb / 21P
Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer
June 16, 2017
853S058 RENESAS-853S058 Datasheet
433Kb / 20P
8:1 Differential-to-3.3V or 2.5V LVPECL/ECL Clock Multiplexer
2019
85356 RENESAS-85356 Datasheet
807Kb / 16P
2:1, Differential-to-3.3V Dual LVPECL/ECL Clock Multiplexer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com