Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8543 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS8543
Description  LOW SKEW, 1-TO-4 LVDS FANOUT BUFFER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8543 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS8543 Datasheet HTML 1Page - Integrated Circuit Systems ICS8543 Datasheet HTML 2Page - Integrated Circuit Systems ICS8543 Datasheet HTML 3Page - Integrated Circuit Systems ICS8543 Datasheet HTML 4Page - Integrated Circuit Systems ICS8543 Datasheet HTML 5Page - Integrated Circuit Systems ICS8543 Datasheet HTML 6Page - Integrated Circuit Systems ICS8543 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ICS8543BG
www.icst.com/products/hiperclocks.html
REV. C MAY 21, 2001
1
Integrated
Circuit
Systems, Inc.
ICS8543
LOW SKEW, 1-TO-4
LVDS FANOUT BUFFER
PRELIMINARY
GENERAL DESCRIPTION
The ICS8543 is a low skew, high performance
1-to-4 clock fanout buffer and a member of
the HiPerClockS™ family of High Performance
Clock Solutions from ICS. Utilizing Low Voltage
Differential Signaling (LVDS) the ICS8543
provides a low power, low noise, solution for distributing clock
signals over controlled impedances of 100
Ω. The ICS8543
accepts any differential input level and translates it to 3.3V
LVDS output levels.
Guaranteed output and part-to-part skew characteristics
make the ICS8543 ideal for those applications demanding
well defined performance and repeatability.
FEATURES
• 4 LVDS outputs
• Designed to meet or exceed the requirements of ANSI
TIA/EIA-644
• Selectable differential HSTL or LVPECL clock inputs
• LVCMOS / LVTTL control inputs
• 3.3V operating supply
• 20 lead TSSOP
• 0°C to 70°C ambient operating temperature
BLOCK DIAGRAM
PIN ASSIGNMENT
ICS8543
20-Lead TSSOP
G Package
Top View
VEE
CLK_EN
CLK_SEL
HCLK
nHCLK
PCLK
nPCLK
OE
VEE
VDD
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
Q0
nQ0
VDD
Q1
nQ1
Q2
nQ2
VEE
Q3
nQ3
HiPerClockS™
,&6
The Preliminary Information presented herein represents a product in prototyping or pre-production. The noted characteristics are based on initial
product characterization. Integrated Circuit Systems, Incorporated (ICS) reserves the right to change any circuitry or specifications without notice.
OE
HCLK
nHCLK
PCLK
nPCLK
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
0
1
CLK_EN
CLK_SEL
nD
Q
LE


Similar Part No. - ICS8543

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8543-09 IDT-ICS8543-09 Datasheet
996Kb / 17P
Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
logo
Renesas Technology Corp
ICS8543-09 RENESAS-ICS8543-09 Datasheet
1Mb / 18P
Low Skew, 1-to-4, Differential-to- LVDS Fanout Buffer
2019
logo
Integrated Device Techn...
ICS8543BGILF IDT-ICS8543BGILF Datasheet
902Kb / 18P
Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
ICS8543I IDT-ICS8543I Datasheet
290Kb / 17P
Four differential LVDS output pairs
logo
Renesas Technology Corp
ICS8543I RENESAS-ICS8543I Datasheet
820Kb / 18P
Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
2019
More results

Similar Description - ICS8543

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8543BGILF IDT-ICS8543BGILF Datasheet
902Kb / 18P
Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
ICS854104 IDT-ICS854104 Datasheet
750Kb / 15P
Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
8S89832I IDT-8S89832I Datasheet
297Kb / 16P
Low Skew, 1-to-4 Differential-to-LVDS Fanout Buffer
ICS8543-09 IDT-ICS8543-09 Datasheet
996Kb / 17P
Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
ICS854104I IDT-ICS854104I Datasheet
321Kb / 15P
Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
logo
Renesas Technology Corp
8S89832I RENESAS-8S89832I Datasheet
631Kb / 15P
Low Skew, 1-to-4 Differential-to-LVDS Fanout Buffer
September 22, 2017
ICS854104 RENESAS-ICS854104 Datasheet
747Kb / 16P
Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
JANUARY 30, 2014
ICS854104I RENESAS-ICS854104I Datasheet
724Kb / 16P
Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
JANUARY 30, 2014
ICS8543-09 RENESAS-ICS8543-09 Datasheet
1Mb / 18P
Low Skew, 1-to-4, Differential-to- LVDS Fanout Buffer
2019
ICS8543I RENESAS-ICS8543I Datasheet
820Kb / 18P
Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com