Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8701CY Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS8701CY
Description  LOW SKEW 첨1, 첨2 CLOCK GENERATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8701CY Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS8701CY Datasheet HTML 2Page - Integrated Circuit Systems ICS8701CY Datasheet HTML 3Page - Integrated Circuit Systems ICS8701CY Datasheet HTML 4Page - Integrated Circuit Systems ICS8701CY Datasheet HTML 5Page - Integrated Circuit Systems ICS8701CY Datasheet HTML 6Page - Integrated Circuit Systems ICS8701CY Datasheet HTML 7Page - Integrated Circuit Systems ICS8701CY Datasheet HTML 8Page - Integrated Circuit Systems ICS8701CY Datasheet HTML 9Page - Integrated Circuit Systems ICS8701CY Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
8701CY
www.icst.com/products/hiperclocks.html
REV. B AUGUST 2, 2001
6
Integrated
Circuit
Systems, Inc.
ICS8701
LOW SKEW
÷1, ÷2
CLOCK GENERATOR
TABLE 4C. POWER SUPPLY DC CHARACTERISTICS, V
DD = 3.3V±5%, VDDO = 2.5V±5%, T
A
= 0°C TO 70°C
TABLE 4D. LVCMOS DC CHARACTERISTICS, V
DD = 3.3V±5%, VDDO = 2.5V±5%, T
A
= 0°C TO 70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
e
v
i
t
i
s
o
P
5
3
1
.
33
.
35
6
4
.
3V
V
O
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
t
u
p
t
u
O
5
7
3
.
25
.
25
2
6
.
2V
I
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
t
n
e
c
s
e
i
u
Q
V
D
D
V
=
H
I
V
5
6
4
.
3
=
V
L
I
V
0
=
5
9A
m
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
I
t
u
p
n
I
e
g
a
t
l
o
V
h
g
i
H
,
B
L
E
S
_
V
I
D
,
A
L
E
S
_
V
I
D
,
D
L
E
S
_
V
I
D
,
C
L
E
S
_
V
I
D
,
1
N
E
_
K
N
A
B
,
0
N
E
_
K
N
A
B
E
O
/
R
M
n
28
.
3V
K
L
C2
8
.
3V
V
L
I
t
u
p
n
I
e
g
a
t
l
o
V
w
o
L
,
B
L
E
S
_
V
I
D
,
A
L
E
S
_
V
I
D
,
D
L
E
S
_
V
I
D
,
C
L
E
S
_
V
I
D
,
1
N
E
_
K
N
A
B
,
0
N
E
_
K
N
A
B
E
O
/
R
M
n
V
D
D
V
5
6
4
.
3
=3
.
0
-8
.
0V
K
L
CV
D
D
V
5
6
4
.
3
=3
.
0
-3
.
1V
I
H
I
t
u
p
n
I
t
n
e
r
r
u
C
h
g
i
H
,
B
L
E
S
_
V
I
D
,
A
L
E
S
_
V
I
D
,
D
L
E
S
_
V
I
D
,
C
L
E
S
_
V
I
D
,
1
N
E
_
K
N
A
B
,
0
N
E
_
K
N
A
B
E
O
/
R
M
n
V
D
D
=V
N
I
V
5
6
4
.
3
=5
A
µ
K
L
CV
D
D
=V
N
I
V
5
6
4
.
3
=0
5
1A
µ
I
L
I
t
u
p
n
I
t
n
e
r
r
u
C
w
o
L
,
B
L
E
S
_
V
I
D
,
A
L
E
S
_
V
I
D
,
D
L
E
S
_
V
I
D
,
C
L
E
S
_
V
I
D
,
1
N
E
_
K
N
A
B
,
0
N
E
_
K
N
A
B
E
O
/
R
M
n
V
D
D
,
V
5
6
4
.
3
=V
N
I
V
0
=0
5
1
-A
µ
K
L
CV
D
D
,
V
5
6
4
.
3
=V
N
I
V
0
=5
-A
µ
V
H
O
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O
V
D
D
,
V
5
3
1
.
3
=
V
O
D
D
5
7
3
.
2
=
I
H
O
A
m
7
2
-
=
8
.
1V
V
L
O
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O
V
D
D
,
V
5
3
1
.
3
=
V
O
D
D
5
7
3
.
2
=
I
L
O
A
m
7
2
=
5
.
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com