Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN310 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # AN310
Description  AN300 Series Large Vane CFM/CMM Thermo-Anemometers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

AN310 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  AN310 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AN300 Series Large Vane CFM/
CMM Thermo-Anemometers
Extech’s 4" (10cm) Large Vane Thermo-Anemometer
series allows for more precise readings on larger size
ducts. Each meter simultaneously displays Airflow or
Air Velocity and Temperature. Choose models that also
measure Air Volume, Humidity & Carbon Dioxide (CO2).
Applications:
- HVAC
- Manufacturing
- Engineering
- Appliance Testing
- Research and Design
- and more!
AN300-C - Cone/Funnel Adapters
The meter has a cone and square preset.
With this optional kit it would allow HVAC
technicians to be freed from the hassle
of calculating dimensions and allow for
quick and easy air flow measurments for
these common duct sizes.
Common Features
•
Measure Air Velocity and Air Flow
•
Built-in thermistor for air temperature
•
Multipoint and timed average calculations
•
Min/Max, Data Hold, and Auto power off
•
Optional Air Flow Cone Kit (AN300-C):
8.26" (210mm) round and 13.6" (346mm) square
•
Complete with four AAA batteries and hard case
Model AN310 Additional Functions:
•
Measures Relative Humidity, Wet Bulb and Dew Point
Model AN320 Additional Functions:
•
Measures Relative Humidity, Wet Bulb and Dew Point
•
Carbon Dioxide (CO
2) measurement
Specifications
AN300
AN310
AN320
m/s
0.2 to 30m/s
0.2 to 30m/s
0.2 to 30m/s
ft/min
40 to 5900ft/min
40 to 5900ft/min
40 to 5900ft/min
Accuracy
±1.5%
±1.5%
±1.5%
CFM/CMM
0 to 99999
0 to 99999
0 to 99999
Temperature
-4 to 140°F (-20 to 60°C)
-4 to 140°F (-20 to 60°C)
-4 to 140°F (-20 to 60°C)
Accuracy
± (0.6°C)
±1.1°F (0.6°C)
±1.1°F (0.6°C)
Humidity
—
0.1 to 99.9%RH
0.1 to 99.9%RH
Accuracy
—
±3%RH
±3%RH
Wet Bulb
—
-4 to 140°F (-20 to 60°C)
-4 to 140°F (-20 to 60°C)
Dew Point
—
23 to 140°F (-5 to 60°C)
23 to 140°F (-5 to 60°C)
CO
2
—
—
0 to 9999ppm
Dimensions/ Weight
10.6x4.2x2” (269x106x51mm) / 7oz (200g)
Ordering
AN300............... Large Vane CFM/CMM Thermo–Anemometer
AN310............... Large Vane CFM/CMM Anemometer/Psychrometer
AN320............... Large Vane CFM/CMM Anemometer /Psychrometer + CO
2
AN300-C........... Airflow Cone and Funnel Adapters
www.extech.com
Specifications subject to change without notice. Copyright © 2012-2013 FLIR Systems, Inc. All rights reserved including the right of reproduction in whole or in part in any form.
Rev. 9/17/13


Similar Part No. - AN310

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
AN3100 FREESCALE-AN3100 Datasheet
64Kb / 4P
General Purpose Amplifier Biasing
logo
STMicroelectronics
AN3100 STMICROELECTRONICS-AN3100 Datasheet
308Kb / 24P
Configuring the SPEAr3xx multi-port memory controller
12-Mar-2012
AN3101 STMICROELECTRONICS-AN3101 Datasheet
435Kb / 24P
internal RC oscillator calibration
20-Jan-2015
AN3105 STMICROELECTRONICS-AN3105 Datasheet
3Mb / 30P
lighting applications
28-Sep-2012
AN3106 STMICROELECTRONICS-AN3106 Datasheet
1Mb / 34P
The use and growing popularity of LEDS, thanks to their high efficiency
28-Sep-2012
More results

Similar Description - AN310

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
407117 EXTECH-407117 Datasheet
329Kb / 6P
Heavy Duty Mini Vane CFM Thermo Anemometer
AN100 EXTECH-AN100 Datasheet
239Kb / 9P
CFM/CMM Thermo Anemometer
AN200 EXTECH-AN200 Datasheet
354Kb / 14P
CFM/CMM Thermo Anemometer InfraRed Thermometer
HD300 EXTECH-HD300 Datasheet
226Kb / 13P
Heavy Duty CFM-CMM Thermo-Anemometer
AN100 EXTECH-AN100_15 Datasheet
265Kb / 1P
CFM/CMM Thermo-Anemometer IR Thermometer
AN200 EXTECH-AN200_15 Datasheet
265Kb / 1P
CFM/CMM Thermo-Anemometer IR Thermometer
AN300 EXTECH-AN300 Datasheet
398Kb / 1P
AN300 Series Large Vane CFM/ CMM Thermo-Anemometers
AN320 EXTECH-AN320 Datasheet
398Kb / 1P
AN300 Series Large Vane CFM/CMM Thermo-Anemometers
AN500 EXTECH-AN500 Datasheet
95Kb / 1P
AN500 Hot Wire CFM/CMM Thermo-Anemometer
HD300 EXTECH-HD300_15 Datasheet
573Kb / 1P
CFM/CMM Thermo-Anemometer with IR Temperature
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com