Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8702 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS8702
Description  LOW SKEW 첨1, 첨2 CLOCK GENERATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8702 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS8702 Datasheet HTML 1Page - Integrated Circuit Systems ICS8702 Datasheet HTML 2Page - Integrated Circuit Systems ICS8702 Datasheet HTML 3Page - Integrated Circuit Systems ICS8702 Datasheet HTML 4Page - Integrated Circuit Systems ICS8702 Datasheet HTML 5Page - Integrated Circuit Systems ICS8702 Datasheet HTML 6Page - Integrated Circuit Systems ICS8702 Datasheet HTML 7Page - Integrated Circuit Systems ICS8702 Datasheet HTML 8Page - Integrated Circuit Systems ICS8702 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Integrated
Circuit
Systems, Inc.
8702
www.icst.com
REV. A - AUGUST 7, 2000
3
ICS8702
LOW SKEW ¸1, ¸2
CLOCK GENERATOR
TABLE 3B. CLOCK INPUTS FUNCTION TABLE
s
t
u
p
n
Is
t
u
p
t
u
O
e
d
o
M
t
u
p
t
u
O
o
t
t
u
p
n
Iy
ti
r
a
l
o
P
E
O
/
R
M
nK
L
CK
L
C
n4
x
Q
u
r
h
t
0
x
Q
10
1
W
O
Ld
e
d
n
E
e
l
g
n
i
S
o
t
l
a
it
n
e
r
e
ff
i
Dg
n
it
r
e
v
n
I
n
o
N
11
0
H
G
I
Hd
e
d
n
E
e
l
g
n
i
S
o
t
l
a
it
n
e
r
e
ff
i
Dg
n
it
r
e
v
n
I
n
o
N
10
1
E
T
O
N
;
d
e
s
a
i
BW
O
Ld
e
d
n
E
e
l
g
n
i
S
o
t
d
e
d
n
E
e
l
g
n
i
Sg
n
it
r
e
v
n
I
n
o
N
11
1
E
T
O
N
;
d
e
s
a
i
BH
G
I
Hd
e
d
n
E
e
l
g
n
i
S
o
t
d
e
d
n
E
e
l
g
n
i
Sg
n
it
r
e
v
n
I
n
o
N
11
E
T
O
N
;
d
e
s
a
i
B0
H
G
I
Hd
e
d
n
E
e
l
g
n
i
S
o
t
d
e
d
n
E
e
l
g
n
i
Sg
n
it
r
e
v
n
I
11
E
T
O
N
;
d
e
s
a
i
B1
W
O
Ld
e
d
n
E
e
l
g
n
i
S
o
t
d
e
d
n
E
e
l
g
n
i
Sg
n
it
r
e
v
n
I
r
o
f
t
n
i
o
p
h
c
ti
w
s
e
h
t
s
t
e
s
t
u
p
n
i
d
e
s
a
i
b
e
h
t
t
a
e
g
a
tl
o
v
e
h
T
.
d
e
s
a
i
b
e
b
s
t
u
p
n
i
l
a
it
n
e
r
e
ff
i
d
e
h
t
f
o
e
n
o
t
a
h
t
s
e
ri
u
q
e
r
e
s
u
t
u
p
n
i
d
e
d
n
e
e
l
g
n
i
S
:
1
E
T
O
N
o
t
e
u
l
a
v
l
a
u
q
e
f
o
r
o
t
s
i
s
e
r
a
,I
D
D
V
o
t
r
o
t
s
i
s
e
r
a
s
i
k
r
o
w
t
e
n
s
a
i
b
t
u
p
n
i
d
e
d
n
e
m
m
o
c
e
r
e
h
t
s
l
e
v
e
l
t
u
p
n
i
S
O
M
C
V
L
r
o
F
.t
u
p
n
i
d
e
d
n
e
e
l
g
n
i
s
e
h
t
1
.
0
a
d
n
a
d
n
u
o
r
.
V
m
0
0
3
±
2
/
D
D
V
y
l
e
t
a
m
i
x
o
r
p
p
a
s
i
t
n
i
o
p
h
c
ti
w
s
g
n
it
l
u
s
e
r
e
h
T
.
d
n
u
o
r
g
o
t
t
u
p
n
i
e
h
t
m
o
rf
r
o
ti
c
a
p
a
c
F
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
4.6V
Inputs
-0.5V to VDD + 0.5V
Outputs
-0.5V to VDDO + 0.5V
Ambient Operating Temperature
0°C to 70°C
Storage Temperature
-65°C to 150°C
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress
specifications only and functional operation of product at these condition or any conditions beyond those listed in the DC Electrical
Characteristics or AC Electrical Characteristics is not implied. Exposure to absolute maximum rating conditions for extended periods may
affect product reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com