Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4774CZ14 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # IP4774CZ14
Description  VGA interface with integrated h-sync buffer, ESD protection and termination resistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

IP4774CZ14 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button IP4774CZ14 Datasheet HTML 4Page - NXP Semiconductors IP4774CZ14 Datasheet HTML 5Page - NXP Semiconductors IP4774CZ14 Datasheet HTML 6Page - NXP Semiconductors IP4774CZ14 Datasheet HTML 7Page - NXP Semiconductors IP4774CZ14 Datasheet HTML 8Page - NXP Semiconductors IP4774CZ14 Datasheet HTML 9Page - NXP Semiconductors IP4774CZ14 Datasheet HTML 10Page - NXP Semiconductors IP4774CZ14 Datasheet HTML 11Page - NXP Semiconductors IP4774CZ14 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
IP4774CZ14_1
© NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 01 — 24 February 2009
9 of 12
NXP Semiconductors
IP4774CZ14
VGA port protection with sync buffer
11.4 Reflow soldering
Key characteristics in reflow soldering are:
• Lead-free versus SnPb soldering; note that a lead-free reflow process usually leads to
higher minimum peak temperatures (see Figure 6) than a SnPb process, thus
reducing the process window
• Solder paste printing issues including smearing, release, and adjusting the process
window for a mix of large and small components on one board
• Reflow temperature profile; this profile includes preheat, reflow (in which the board is
heated to the peak temperature) and cooling down. It is imperative that the peak
temperature is high enough for the solder to make reliable solder joints (a solder paste
characteristic). In addition, the peak temperature must be low enough that the
packages and/or boards are not damaged. The peak temperature of the package
depends on package thickness and volume and is classified in accordance with
Table 5 and 6
Moisture sensitivity precautions, as indicated on the packing, must be respected at all
times.
Studies have shown that small packages reach higher temperatures during reflow
soldering, see Figure 6.
Table 5.
SnPb eutectic process (from J-STD-020C)
Package thickness (mm)
Package reflow temperature (
°C)
Volume (mm3)
< 350
≥ 350
< 2.5
235
220
≥ 2.5
220
220
Table 6.
Lead-free process (from J-STD-020C)
Package thickness (mm)
Package reflow temperature (
°C)
Volume (mm3)
< 350
350 to 2000
> 2000
< 1.6
260
260
260
1.6 to 2.5
260
250
245
> 2.5
250
245
245



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com