Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS90C65N Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS90C65N
Description  Dual Voltage Video/Memory Clock Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS90C65N Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS90C65N Datasheet HTML 1Page - Integrated Circuit Systems ICS90C65N Datasheet HTML 2Page - Integrated Circuit Systems ICS90C65N Datasheet HTML 3Page - Integrated Circuit Systems ICS90C65N Datasheet HTML 4Page - Integrated Circuit Systems ICS90C65N Datasheet HTML 5Page - Integrated Circuit Systems ICS90C65N Datasheet HTML 6Page - Integrated Circuit Systems ICS90C65N Datasheet HTML 7Page - Integrated Circuit Systems ICS90C65N Datasheet HTML 8Page - Integrated Circuit Systems ICS90C65N Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Pin Descriptions
The following table provides the pin descriptions for the 20-pin ICS90C65 packages.
PIN
NUMBER
PIN
SYMBOL
TYPE
DESCRIPTION
1
CLKI
IN
Reference input clock from system.
2
MSEL2
IN
Select input for MCLK selection.
3
EXTCLK
IN
External clock input for an additional frequency.
4
VSEL1
IN
Control input for VCLK selection.
5
VSEL0
IN
Control input for VCLK selection.
6
SELEN
IN
Strobe for latching VSEL(0,1) (low enable).
7
VSEL2
IN
Control input for VCLK selection.
8
VSEL3
IN
Control input for VCLK selection.
9
MSEL0
IN
Select input for MCLK selection.
10
DVSS
-
Ground for Digital Circuit.
11
MSEL1
IN
Select input for MCLK selection.
12
MCLK
OUT
Memory Clock Output.
13
PWRDN
IN
Power Down Control.
14
MCLKE
IN
Enable input for MCLK output (high enables output).
15
AVDD
-
Power supply for analog circuit.
16
AVSS
-
Ground for analog circuit.
17
NC
-
No connection.
18
VCLKE
IN
Enable input for VCLK output (high enables output).
19
VCLK
OUT
Video Clock Output.
20
DVDD
-
Power supply for Digital Circuit.
Note:
CLKI, EXTCLK,VSEL0, VSEL1,VSEL2, VSEL3, SELEN, MSEL0, MSEL1, MSEL2, VCLKE, and MCLKE - input pins have
internal pull-up resistors. PWRDN has an internal pull-down resistor.
ICS90C65
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com