Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9112M-35 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS9112M-35
Description  Frequency Generator for Fibre Channel Systems
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9112M-35 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS9112M-35 Datasheet HTML 1Page - Integrated Circuit Systems ICS9112M-35 Datasheet HTML 2Page - Integrated Circuit Systems ICS9112M-35 Datasheet HTML 3Page - Integrated Circuit Systems ICS9112M-35 Datasheet HTML 4Page - Integrated Circuit Systems ICS9112M-35 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
ICS9112-35/36
Preliminary Product Preview
Note 1:
Parameter is guaranteed by design and characterization. Not 100% tested in production.
Electrical Characteristics at 5.0V
Operating VDD = +4.5V to +5.5V; TA =0°C to 70°C unless otherwise stated
Absolute Maximum Ratings
AVDD, VDD referenced to GND . . . . . . . . . . . . . . . 7V
Operating temperature under bias. . . . . . . . . . . . . . . . 0°C to +70°C
Storage temperature . . . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Voltage on I/O pins referenced to GND. . . . . . . . . . . GND -0.5V to VDD +0.5V
Power dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5 Watts
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect product reliability.
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
C
D
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SS
N
O
I
T
I
D
N
O
C
T
S
E
TN
I
MP
Y
TX
A
MS
T
I
N
U
e
g
a
t
l
o
V
w
o
L
t
u
p
n
IV L
I
--
8
.
0V
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
IV H
I
0
.
2-
-
V
t
n
e
r
r
u
C
w
o
L
t
u
p
n
II L
I
V N
I
)
t
u
p
n
i
p
u
-
l
l
u
P
(
V
0
=0
.
6
1
-0
.
6
--
A
µ
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
II H
I
V N
I
V
=
D
D
0
.
2
--
0
.
2A
µ
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O
1
V L
O
I L
O
A
m
0
1
=-
5
1
.
00
4
.
0V
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O
1
V H
O
I H
O
A
m
0
3
-
=4
.
25
2
.
3-
V
t
n
e
r
r
u
C
w
o
L
t
u
p
t
u
O
1
I L
O
V L
O
V
8
.
0
=0
.
2
20
.
5
3-
A
m
t
n
e
r
r
u
C
h
g
i
H
t
u
p
t
u
O
1
I H
O
V H
O
V
0
.
2
=-
0
.
0
5
-0
.
5
3
-A
m
t
n
e
r
r
u
C
y
l
p
p
u
SI D
D
d
e
d
a
o
l
n
U-
0
.
2
20
.
5
4A
m
r
o
t
s
i
s
e
R
p
u
-
l
l
u
P
1
R u
p
-0
0
1-
s
m
h
o
k
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
C
A
e
m
i
T
e
s
i
R
1
T 1
r
V
0
.
2
o
t
8
.
0
,
d
a
o
l
F
p
5
1-
8
.
02
.
1s
n
e
m
i
T
l
l
a
F
1
T 1
f
V
8
.
0
o
t
0
.
2
,
d
a
o
l
F
p
5
1-
7
.
02
.
1s
n
e
l
c
y
C
y
t
u
D
1
Dt
V
4
.
1
@
d
a
o
l
F
p
5
10
.
2
40
.
9
40
.
5
5%
a
m
g
i
S
e
n
O
,
r
e
t
t
i
J
1
T s
1
j
d
a
o
l
F
p
5
1-
0
.
5
10
.
5
4s
p
e
t
u
l
o
s
b
A
,
r
e
t
t
i
J
1
T b
a
j
d
a
o
l
F
p
5
10
.
0
3
1
-0
.
0
3
1s
p
r
e
t
t
i
J
e
v
i
t
a
l
u
m
u
c
c
A
1
T
c
c
a
j
e
l
c
y
C
6
5
2
@
d
a
o
l
F
p
5
1-
0
.
7
1-
s
p
y
c
n
e
u
q
e
r
F
t
u
p
n
I
1
Fi
-0
.
7
1-
z
H
M
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
1
Fo
-5
2
.
6
0
1-
z
H
M
e
m
i
T
p
u
-
r
e
w
o
P
1
T u
p
-8
5
.
70
.
8
1s
m
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
l
a
t
s
y
r
C
1
C x
n
i
)
1
n
i
P
(
1
X
)
8
n
i
P
(
2
X
-0
.
3-
F
p



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com