Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9120M-08 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9120M-08
Description  Frequency Generator for Multimedia Audio Synthesis
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9120M-08 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9120M-08 Datasheet HTML 1Page - Integrated Circuit Systems ICS9120M-08 Datasheet HTML 2Page - Integrated Circuit Systems ICS9120M-08 Datasheet HTML 3Page - Integrated Circuit Systems ICS9120M-08 Datasheet HTML 4Page - Integrated Circuit Systems ICS9120M-08 Datasheet HTML 5Page - Integrated Circuit Systems ICS9120M-08 Datasheet HTML 6Page - Integrated Circuit Systems ICS9120M-08 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
ICS9120-08
ICS9120-09
Pin Configuration
Pin Descriptions for ICS9120-08
Functionality
PIN NUMBER
PIN NAME
TYPE
DESCRIPTION
1
X1
Input
Crystal or external clock source. Has feedback bias for crystal.
2VDD
Power
Power supply input.
3
GND
Power
Ground return for Pin 2.
4
CLK3
Output
16.934 MHz target output clock for stereo codec.
5
CLK1
Output
24.576 MHz target output clock for stereo codec.
6
CLK2
Output
33.868 MHz target output clock for OPL4.
7
REF
Output
14.318 MHz reference clock buffered output.
8
X2
Output
Crystal output drive.
Pin Descriptions for ICS9120-09
PIN NUMBER
PIN NAME
TYPE
DESCRIPTION
1
X1
Input
External clock source.
2
VDD
Power
Power supply input.
3
GND
Power
Ground return for Pin 2.
4
CLK3
Output
16.934 MHz target output clock for stereo codec.
5
CLK1
Output
24.576 MHz target output clock for stereo codec.
6
CLK2
Output
33.868 MHz target output clock for OPL4.
7
REF
Output
14.318 MHz reference clock buffered output.
8
PD#
Input
Power-down input powers down entire device when low; has pull-up.
Note: (Pin 8) is internally pulled-up to VDD and, therefore, may
be left disconnected or driven by open collector logic.
8-Pin SOIC
8-Pin SOIC
X1, X2
(MHz)
(-09 only)
PD#
33.9
(MHz)
16.9
(MHz)
24.6
(MHz)
14.3
(MHz)
-
0
Low
Low
Low
Low
14.318
1
33.868
16.934
24.576
14.318
-



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com