Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9120M-45 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9120M-45
Description  Low-Cost 8-Pin Frequency Generator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9120M-45 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9120M-45 Datasheet HTML 1Page - Integrated Circuit Systems ICS9120M-45 Datasheet HTML 2Page - Integrated Circuit Systems ICS9120M-45 Datasheet HTML 3Page - Integrated Circuit Systems ICS9120M-45 Datasheet HTML 4Page - Integrated Circuit Systems ICS9120M-45 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
ICS9120-45
Pin Descriptions
Note: The 10.00 MHz crystal that is connected to pin 1 and 8 is a parallel resonant component
that is designed to operate into a 8pF capacitive load. This device is a 5V power supply device.
PIN
NUMBER
PIN NAME
TYPE
DESCRIPTION
1
X1
Input
10.00 MHz input from crystal.
2
VDD
Power
+Power supply input.
3
40.00 MHz
Output
40 MHz clock output.
4
50.00 MHz
Output
50 MHz clock output.
5
48.00 MHz
Output
48 MHz clock output.
6
GND
Power
Ground return for Pin 2.
7
32.00 MHz
Output
32 MHz clock output.
8
X2
Output
10.00 MHz output.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com