Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9120M-46 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9120M-46
Description  Modem and Audio Clock Generator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9120M-46 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9120M-46 Datasheet HTML 1Page - Integrated Circuit Systems ICS9120M-46 Datasheet HTML 2Page - Integrated Circuit Systems ICS9120M-46 Datasheet HTML 3Page - Integrated Circuit Systems ICS9120M-46 Datasheet HTML 4Page - Integrated Circuit Systems ICS9120M-46 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
ICS9120-46
Pin Configuration
Pin Descriptions for ICS9120-46
Functionality
X1 (MHz)
PD#
CLK1
(MHz)
CLK2
(MHz)
REF
(MHa)
-
0
Low
Low
Low
14.7456
1
49.92
40.32
14.7456
8-Pin SOIC
PIN
N U M BER
PIN
NA M E
T YPE
D ESC RIPTIO N
1
X 1
Input
Crystal or external clock source. H as feedback bias for crystal.
N om inally 14.7456<N> M H z input applied. (N o internal load cap;
m ust connect external load cap to ground for crystal oscillator.)
2
V DD
Pow er
+Pow er supply input.
3
G ND
Pow er
G round return for Pin 2.
4
C LK1
O utput
49.92 M H z target output clock
(w ith nom inal 14.7456 M H z input).
5
PD #
O utput
Power-down input. A ll outputs shut off and driven to low output state
w hen this pin is at logic low level. H as pull-up.
6
C LK2
O utput
40.32 M H z target output clock.
7
R EF
O utput
14.7456 M Hz reference clock buffered output
(w ith nom inal 14.7456 M H z input).
8
X2
Output
Crystal output drive (leave this pin unconnected when using an
external clock). (N o internal load cap; m ust connect external load cap
to ground for crystal oscillator).
Functionality
The ICS9120-46 incorporates a crystal oscillator circuit designed
to provide 50% duty cycle over a range of operating conditions,
including the addition of external crystal load capacitors to pins
X1 and X2.
For the crystal oscillator, the crystal load capacitance must be
connected externally by adding a capacitor from each of the X1
and X2 pins to ground. A parallel resonant 14.7456 MHz crystal is
recommended.
Duty cycle is also maintained when using an external clock source
(connected to X1, X2 left unconnected) as long as the external
clock has good duty cycle.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com