Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9120M-47 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9120M-47
Description  Modem and Audio Clock Generator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9120M-47 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9120M-47 Datasheet HTML 1Page - Integrated Circuit Systems ICS9120M-47 Datasheet HTML 2Page - Integrated Circuit Systems ICS9120M-47 Datasheet HTML 3Page - Integrated Circuit Systems ICS9120M-47 Datasheet HTML 4Page - Integrated Circuit Systems ICS9120M-47 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
ICS9120-47
Pin Configuration
Pin Descriptions for ICS9120-47
8-Pin SOIC
External Components/Crystal Selection
The ICS9120-47 incorporates a crystal oscillator circuit de-signed
to provide 50% duty cycle over a range of operating conditions,
including the addition of external crystal load ca-pacitors to pins
X1 and X2.
For the crystal oscillator, the crystal load capacitance must be
connected externally by adding a capacitor from each of the X1
and X2 pins to ground. A parallel resonant 16.9344 MHz crystal is
recommended.
Duty cycle is also maintained when using an external clock source
(connected to X1, X2 left unconnected) as long as the external
clock has good duty cycle.
PIN
NUMBER
PIN NAME
TYPE
DESCRIPTION
1
X1
Input
Crystal or external clock source. Has feedback bias for crystal.
Nominally 16.9344 MHz input applied. (No internal load cap; must
connect external load cap to ground for crystal oscillator).
2
VDD
Power
+Power supply input.
3
GND
Power
Ground return for Pin 2.
4
CLK3
Output
33.8688 MHz target output clock (with nominal 16.9344 MHz input).
5
CLK2
Output
22.5792 MHz target output clock (with nominal 16.9344 MHz input).
6
CLK4
Output
50.8032 MHz target output clock (with nominal 16.9344 MHz input).
7
REFCLK
Output
16.9344 MHz reference clock buffered output (with nominal 16.9344
MHz input).
8
X2
Output
Crystal output drive (leave this pin unconnected when using an
external clock). (No internal load cap; must connect external load cap
to ground for crystal oscillator).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com