Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9120M-48 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9120M-48
Description  Frequency Generator for CD-ROM Systems
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9120M-48 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9120M-48 Datasheet HTML 1Page - Integrated Circuit Systems ICS9120M-48 Datasheet HTML 2Page - Integrated Circuit Systems ICS9120M-48 Datasheet HTML 3Page - Integrated Circuit Systems ICS9120M-48 Datasheet HTML 4Page - Integrated Circuit Systems ICS9120M-48 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
ICS9120-48
Pin Configuration
Pin Descriptions for ICS9120-48
8-Pin SOIC
External Components/Crystal Selection
The ICS9120-48 incorporates a crystal oscillator circuit de-signed
to provide 50% duty cycle over a range of operating conditions,
including the addition of external crystal load ca-pacitors to pins
X1 and X2. A parallel resonant 16.9344 MHz, 12pF load crystal is
recommended. A series resonant crystal or a parallel resonant
crystal specifying a different load can be used, but either will
result in frequencies which are slightly (up to 0.06%) different
from the ideal.
The crystal load capacitance can be increased by adding a capacitor
to each of the X1 and X2 pins and ground. This enables the use of
a crystal specifying a load greater than 12pF without changing the
output frequency.
Duty cycle is also maintained when using an external clock source
(connected to X1, X2 left unconnected) as long as the external
clock has good duty cycle.
PIN
NUMBER
PIN
NAME
TYPE
DESCRIPTION
1
X1
Input
Crystal or external clock source. Has feedback bias for crystal.
2
VDD
Power
+Power supply input.
3
GND
Power
Ground return for Pin 2.
4
CLK3
Output 33.8688 MHz target output clock.
5
CLK2
Output 22.5792 MHz target output clock.
6
CLK4
Output 42.336 MHz target output clock.
7
CLK1
Output 16.9344 MHz reference clock buffered output.
8
X2
Output Crystal output drive (leave this pin unconnected when using an external clock).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com