Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF21 Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SF21
Description  2.0A SUPER- FAST RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SF21 Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SF21 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SF21 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SF21 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SF21 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1020, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
SF21-SF27
2.0A SUPER- FAST RECTIFIER
Marking Diagram:
Where XXXXX is YYWWL
SF21
= Part Name
SSG
= SSG
YY
= Year
WW
= Week
L
= Lot Number
Cautions:Molding resin
Epoxy resin UL:94V-0
Ordering Information
Device
Package
Shipping
SF21-SF27
DO-15(Pb-Free)
3000pcs / tape
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification.


Similar Part No. - SF21

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF21 MOSPEC-SF21 Datasheet
134Kb / 2P
POWER RECTIFIERS(2.0A,50-400V)
logo
Won-Top Electronics
SF21 WTE-SF21 Datasheet
50Kb / 3P
2.0A SUPER-FAST RECTIFIER
logo
Zowie Technology Corpor...
SF21 ZOWIE-SF21 Datasheet
49Kb / 2P
SUPER FAST RECTIFIER
logo
Rectron Semiconductor
SF21 RECTRON-SF21 Datasheet
275Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 2.0 Amperes)
logo
Jinan Gude Electronic D...
SF21 JGD-SF21 Datasheet
159Kb / 2P
2.0 AMPS. SUPER FAST RECTIFIERS
More results

Similar Description - SF21

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SF21 WTE-SF21 Datasheet
50Kb / 3P
2.0A SUPER-FAST RECTIFIER
logo
Diodes Incorporated
ES2A DIODES-ES2A Datasheet
45Kb / 2P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14002 Rev. F-2
ES2G DIODES-ES2G Datasheet
57Kb / 2P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30212 Rev. A-2
SF21 DIODES-SF21 Datasheet
53Kb / 2P
2.0A SUPER-FAST RECOVERY RECTIFIER
DS24002 Rev. D-3
ES2A_ DIODES-ES2A_ Datasheet
501Kb / 3P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14002 Rev. 10 - 2
SF20AG DIODES-SF20AG_1 Datasheet
404Kb / 3P
2.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
DS24013 Rev. 3 - 2
ES2G DIODES-ES2G_1 Datasheet
193Kb / 3P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30212 Rev. 6 - 2
logo
TAITRON Components Inco...
TSF21 TAITRON-TSF21 Datasheet
139Kb / 4P
2.0A Super Fast Recovery Rectifier
logo
Diodes Incorporated
ES2G DIODES-ES2G_10 Datasheet
123Kb / 4P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Rev. 8 - 2 September 2010
SF2DDF DIODES-SF2DDF Datasheet
638Kb / 5P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
January 2019 Rev. 6 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com